Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3891 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3891
Description  LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3891 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3891 Datasheet HTML 6Page - Texas Instruments LP3891 Datasheet HTML 7Page - Texas Instruments LP3891 Datasheet HTML 8Page - Texas Instruments LP3891 Datasheet HTML 9Page - Texas Instruments LP3891 Datasheet HTML 10Page - Texas Instruments LP3891 Datasheet HTML 11Page - Texas Instruments LP3891 Datasheet HTML 12Page - Texas Instruments LP3891 Datasheet HTML 13Page - Texas Instruments LP3891 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LP3891
SNVS235D – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
Figure 19.
θJA vs Copper (1 Ounce) Area for DDPAK/TO-263 Package
As shown in Figure 20, increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 20 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 20. Maximum Power Dissipation vs Ambient Temperature for DDPAK/TO-263 Package
HEATSINKING SO PowerPAD PACKAGE
Heatsinking for the SO PowerPAD-8 package is accomplished by allowing heat to flow through the ground slug
on the bottom of the package into the copper on the PC board. The heat slug must be soldered down to a
copper plane to get good heat transfer. It can also be connected through vias to internal copper planes. Since
the heat slug is at ground potential, traces must not be routed under it which are not at ground potential. Under
all possible conditions, the junction temperature must be within the range specified under operating conditions.
Figure 21 shows a curve for the
θJA of the SO PowerPAD package for different copper area sizes using a typical
PCB with one ounce copper in still air.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com