Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3891 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3891
Description  LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3891 Datasheet(HTML) 5 Page - Texas Instruments

  LP3891 Datasheet HTML 1Page - Texas Instruments LP3891 Datasheet HTML 2Page - Texas Instruments LP3891 Datasheet HTML 3Page - Texas Instruments LP3891 Datasheet HTML 4Page - Texas Instruments LP3891 Datasheet HTML 5Page - Texas Instruments LP3891 Datasheet HTML 6Page - Texas Instruments LP3891 Datasheet HTML 7Page - Texas Instruments LP3891 Datasheet HTML 8Page - Texas Instruments LP3891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
0
0.2
_
0.4
_
0.6
_
0.8
ILOAD (A)
0.80
_
0.90
1.00
_
1.10
1.20
25
oC
-40
oC
125
oC
VBIAS = 5V
VIN = 2.3V
LP3891
www.ti.com
SNVS235D – SEPTEMBER 2003 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TJ = 25°C, COUT = 10 µF, Cin = 10µF, S/D pin is tied to VBIAS, VIN = 2.2V, VOUT = 1.8V
IGND vs VSD
VOUT vs Temperature
Figure 4.
Figure 5.
DC Load Regulation
Line Regulation vs VIN
Figure 6.
Figure 7.
Line Regulation vs VBIAS
IBIAS vs IL
Figure 8.
Figure 9.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com