Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3891 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3891
Description  LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3891 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3891 Datasheet HTML 7Page - Texas Instruments LP3891 Datasheet HTML 8Page - Texas Instruments LP3891 Datasheet HTML 9Page - Texas Instruments LP3891 Datasheet HTML 10Page - Texas Instruments LP3891 Datasheet HTML 11Page - Texas Instruments LP3891 Datasheet HTML 12Page - Texas Instruments LP3891 Datasheet HTML 13Page - Texas Instruments LP3891 Datasheet HTML 14Page - Texas Instruments LP3891 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
30
80
130
180
0
0.5
1.5
COPPER AREA (sq. in.)
1
LP3891
www.ti.com
SNVS235D – SEPTEMBER 2003 – REVISED APRIL 2013
Figure 21.
θJA vs Copper (1 ounce) Area for SO PowerPAD Package
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com