Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2362DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2362DF
Description  Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2362DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2362DF Datasheet HTML 1Page - Monolithic Power Systems MP2362DF Datasheet HTML 2Page - Monolithic Power Systems MP2362DF Datasheet HTML 3Page - Monolithic Power Systems MP2362DF Datasheet HTML 4Page - Monolithic Power Systems MP2362DF Datasheet HTML 5Page - Monolithic Power Systems MP2362DF Datasheet HTML 6Page - Monolithic Power Systems MP2362DF Datasheet HTML 7Page - Monolithic Power Systems MP2362DF Datasheet HTML 8Page - Monolithic Power Systems MP2362DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP2362 — DUAL 2A, 23V, 380KHZ STEP-DOWN CONVERTER
MP2362 Rev. 0.93
www.MonolithicPower.com
2
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP2362DF
TSSOP20F
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2362DF–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP2362DF–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (INA, INB )................................ 25V
Switch Voltage (SWA, SWB).............................. 26V
Bootstrap Voltage (BSA, BSB) .................. VSW + 6V
Feedback Voltage (FBA, FBB) ............ –0.3V to +6V
Enable/UVLO Voltage (ENA, ENB) ..... –0.3V to +6V
Comp Voltage (COMPA, COMPB) .......... –0.3V to +6V
SYNC Voltage (SYNCA, SYNCB) ........... –0.3V to +6V
Junction Temperature.............................+150
°C
Lead Temperature ..................................+260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Supply Voltage (VIN) ...................... 4.75V to 23V
Operating Temperature.................–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSSOP20F ............................. 40 ....... 6....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 23V
1.198
1.222
1.246
V
Upper Switch-On Resistance RDS(ON)1
0.18
Lower Switch-On Resistance RDS(ON)2
10
Upper Switch Leakage
VEN = 0V, VSW = 0V
10
µA
Current Limit
(4)
2.4
3.4
A
Current Limit Gain
Output Current to Comp Pin
Voltage
GCS
1.95
A/V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier
Transconductance
GEA
∆IC = ±10 µA
500
770
1100
µA/V
Oscillator Frequency
fOSC
340
380
420
KHz
Short Circuit Frequency
fSC
VFB = 0V
20
35
54
KHz
SYNC Frequency
SYNC Drive = 0V to 2.7V
0.45
1.2
MHz
SYNCA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ENA
COMPA
FBA
SGB
PGB
SWB
INB
NC2
BSB
SYNCB
TOP VIEW
EXPOSED PAD
FOR TSSOP20F ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com