Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2362DF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2362DF
Description  Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2362DF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2362DF Datasheet HTML 3Page - Monolithic Power Systems MP2362DF Datasheet HTML 4Page - Monolithic Power Systems MP2362DF Datasheet HTML 5Page - Monolithic Power Systems MP2362DF Datasheet HTML 6Page - Monolithic Power Systems MP2362DF Datasheet HTML 7Page - Monolithic Power Systems MP2362DF Datasheet HTML 8Page - Monolithic Power Systems MP2362DF Datasheet HTML 9Page - Monolithic Power Systems MP2362DF Datasheet HTML 10Page - Monolithic Power Systems MP2362DF Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2362 — DUAL 2A, 23V, 380KHZ STEP-DOWN CONVERTER
MP2362 Rev. 0.93
www.MonolithicPower.com
10
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP2362
SYNCB
BSB
NC2
INB
SWB
PGB
SGB
FBA
COMPA
ENA
10
9
8
7
6
5
4
3
2
1
SYNCA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
20
19
18
17
16
15
14
13
12
11
D1A
B230A
C3B
10nF
C5A
10nF
D1B
B230A
C5B
10nF
3.3V
2.5V @ 2A
OFF ON
3.3V @ 2A
12V
C3A
10nF
C6A
NS
OFF ON
50% Duty Cycle
1.2MHz
CLOCK INPUT
C6B
NS
Figure 4—Dual Phase 1.2MHz, 2.5V @ 2A and 3.3V @ 2A Step-down Converter from 12V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com