Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2362DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2362DF
Description  Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2362DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2362DF Datasheet HTML 1Page - Monolithic Power Systems MP2362DF Datasheet HTML 2Page - Monolithic Power Systems MP2362DF Datasheet HTML 3Page - Monolithic Power Systems MP2362DF Datasheet HTML 4Page - Monolithic Power Systems MP2362DF Datasheet HTML 5Page - Monolithic Power Systems MP2362DF Datasheet HTML 6Page - Monolithic Power Systems MP2362DF Datasheet HTML 7Page - Monolithic Power Systems MP2362DF Datasheet HTML 8Page - Monolithic Power Systems MP2362DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP2362 — DUAL 2A, 23V, 380KHZ STEP-DOWN CONVERTER
MP2362 Rev. 0.93
www.MonolithicPower.com
3
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
EN Shutdown Threshold
Voltage
VEN
ICC > 100µA
0.7
1.0
1.3
V
Enable Pull-Up Current
IEN
1.0
µA
EN UVLO Threshold Rising
VUVLO
VEN Rising
2.37
2.50
2.62
V
EN UVLO Threshold
Hysteresis
210
mV
Supply Current (Shutdown)
IOFF
VEN ≤ 0.4V
40
70
µA
Supply Current (Quiescent)
ION
VEN ≥ 3V
2.0
2.8
mA
Thermal Shutdown
TS
160
°C
Maximum Duty Cycle
VFB = 1.0V, fSW = 380KHz
90
%
Minimum On Time
tON
100
ns
Note:
4) Equivalent output current = 1.5A ≥ 50% Duty Cycle
2.0A ≤ 50% Duty Cycle
Assumes ripple current = 30% of load current.
Slope compensation changes current limit above 40% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com