Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2362DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2362DF
Description  Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2362DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2362DF Datasheet HTML 1Page - Monolithic Power Systems MP2362DF Datasheet HTML 2Page - Monolithic Power Systems MP2362DF Datasheet HTML 3Page - Monolithic Power Systems MP2362DF Datasheet HTML 4Page - Monolithic Power Systems MP2362DF Datasheet HTML 5Page - Monolithic Power Systems MP2362DF Datasheet HTML 6Page - Monolithic Power Systems MP2362DF Datasheet HTML 7Page - Monolithic Power Systems MP2362DF Datasheet HTML 8Page - Monolithic Power Systems MP2362DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2362
Dual 2A, 23V, 380KHz Step-Down Converter
with Frequency Synchronization
MP2362 Rev. 0.93
www.MonolithicPower.com
1
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2362 is a dual monolithic step-down
switch mode converter with built-in internal
power MOSFETs. It achieves 2A continuous
output current for each output over a wide input
supply range with excellent load and line
regulation. Each channel can be independently
synchronized to a frequency up to 1.2MHz.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. In
shutdown mode the regulator draws 40µA of
supply current.
The MP2362 requires a minimum number of
readily available standard external components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2362DF-00A
2.2”X x 1.6”Y x 0.4”Z
FEATURES
• 2A Current for Each Output
• 0.18Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 90% Efficiency
• 40µA Shutdown Mode
• Fixed 380KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 23V Operating Input Range
• Each Output Adjustable from 1.22V to 16V
• Configurable for Single Output with Double
the Current
• Programmable Under Voltage Lockout
• Frequency Synchronization Input
• Available in TSSOP20 with Exposed Pad
Package
APPLICATIONS
• Distributed Power Systems
• I/O and Core supplies
• Set top boxes
• Cable Modems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2362
SYNCB
BSB
NC2
INB
SWB
PGB
SGB
FBA
COMPA
ENA
10
9
8
7
6
5
4
3
2
1
SYNCA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
20
19
18
17
16
15
14
13
12
11
10nF
10nF
10nF
10nF
5V @ 2A
OFF ON
OFF ON
B230A
B230A
12V
3.3V @ 2A
SYNC CLOCK
95
90
85
80
75
70
OUTPUT CURRENT (A)
Efficiency vs
Output Current Voltage
0
0.5
1.5
12
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VIN = 10V


Similar Part No. - MP2362DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP2360DG MPS-MP2360DG Datasheet
156Kb / 4P
1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
MP2360DG MPS-MP2360DG Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2361DK MPS-MP2361DK Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
More results

Similar Description - MP2362DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP8642 MPS-MP8642 Datasheet
342Kb / 12P
Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
MPQ2362-AEC1 MPS-MPQ2362-AEC1 Datasheet
1Mb / 15P
Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com