Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S91 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 9Page - Microchip Technology MCP6S91 Datasheet HTML 10Page - Microchip Technology MCP6S91 Datasheet HTML 11Page - Microchip Technology MCP6S91 Datasheet HTML 12Page - Microchip Technology MCP6S91 Datasheet HTML 13Page - Microchip Technology MCP6S91 Datasheet HTML 14Page - Microchip Technology MCP6S91 Datasheet HTML 15Page - Microchip Technology MCP6S91 Datasheet HTML 16Page - Microchip Technology MCP6S91 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 13
MCP6S91/2/3
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF =VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-19:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-20:
DC Output Non-Linearity vs.
Supply Voltage.
FIGURE 2-21:
Output Voltage Headroom
vs. Output Plus Ladder Current (circuit in
Figure 4-2).
FIGURE 2-22:
Output Short Circuit Current
vs. Supply Voltage.
FIGURE 2-23:
DC Output Non-Linearity vs.
Output Swing.
FIGURE 2-24:
Output Voltage Swing vs.
Frequency.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Supply Voltage (V)
T
A = +125°C
TA = +85°C
T
A =
+25°C
T
A =
-40°C
0.001
0.01
0.1
1
2.53.0
3.54.0
4.55.0
5.5
Power Supply Voltage (V)
V
OUT = 0.3V to VDD - 0.3V
VONL/G, G = +1
G = +2
G
≥ +4
1
10
100
1000
0.1
1
10
Output Plus Ladder Current Magnitude (mA)
V
DD = 5.5V
VDD = 2.5V
0
5
10
15
20
25
30
35
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = +125°C
T
A =
+85°C
T
A =
+25°C
TA =
-40°C
0.001
0.01
0.1
1
110
Output Voltage Swing (VP-P)
VDD = 5.5V
VONL/G:
G = +1
G = +2
G
≥ +4
0.1
1
10
1.E+05
1.E+06
1.E+07
Frequency (Hz)
100k
10M
1M
VDD = 5.5V
VDD = 2.5V
G = 1, 2
G = 4 to 10
G = 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com