Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S91 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 15Page - Microchip Technology MCP6S91 Datasheet HTML 16Page - Microchip Technology MCP6S91 Datasheet HTML 17Page - Microchip Technology MCP6S91 Datasheet HTML 18Page - Microchip Technology MCP6S91 Datasheet HTML 19Page - Microchip Technology MCP6S91 Datasheet HTML 20Page - Microchip Technology MCP6S91 Datasheet HTML 21Page - Microchip Technology MCP6S91 Datasheet HTML 22Page - Microchip Technology MCP6S91 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 19
MCP6S91/2/3
4.2.3
RAIL-TO-RAIL OUTPUT
The maximum output voltage swing is the maximum
swing possible under a particular amplifier load current.
The amplifier load current is the sum of the external
load current (IOUT) and the current through the ladder
resistance (ILAD); see Figure 4-2.
EQUATION 4-1:
FIGURE 4-2:
Amplifier Load Current.
See Figure 2-21 for the typical output headroom
(VDD – VOH or VOL – VSS) as a function of amplifier
load current.
The specification table states the output can reach
within 60 mV of either supply rail when RL =10 kΩ and
VREF =VDD/2.
4.2.4
INPUT VOLTAGE AND PHASE
REVERSAL
The MCP6S91/2/3 amplifier family is designed with
CMOS input devices. It is designed to not exhibit phase
inversion when the input pins exceed the supply
voltages.
Figure 2-29
shows
an
input
voltage
exceeding both supplies with no resulting phase
inversion.
The maximum voltage that can be applied to the input
pins (CHx) is VSS –0.3V to VDD + 0.3V. Voltages on
the inputs that exceed this absolute maximum rating
can cause excessive current to flow into or out of the
input pins. Current beyond ±2 mA can cause possible
reliability problems. Applications that exceed this rating
must be externally limited with an input resistor, as
shown in Figure 4-3.
FIGURE 4-3:
RIN limits the current flow
into an input pin.
4.3
Resistor Ladder
The
resistor
ladder
shown
in
Figure 4-1
(RLAD =RF +RG) sets the gain. Placing the gain
switches in series with the inverting input reduces the
parasitic capacitance, distortion and gain mismatch.
RLAD is an additional load on the output of the PGA and
causes additional current draw from the supplies. It is
also a load (ZIN_REF) on the external circuitry driving
the VREF pin.
In Shutdown mode, RLAD is still attached to the VOUT
and VREF pins. Thus, these pins and the internal ampli-
fier’s inverting input are all connected through RLAD
and the output is not High-Z (unlike the internal op
amp).
While RLAD contributes to the output noise, its effect is
small. Refer to Figure 2-12.
Where:
Amplifier Load Current
I
OUT
I
LAD
+
=
I
LAD
V
OUT
V
REF
–
()
R
LAD
-------------------------------------
=
VOUT
VREF
RLAD
IOUT
ILAD
MCP6S9X
CHx
RIN
VIN
RIN ≥
VSS – (Maximum expected VIN)
2 mA
RIN ≥
(Maximum expected VIN) – VDD
2 mA
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com