Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S91 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 16Page - Microchip Technology MCP6S91 Datasheet HTML 17Page - Microchip Technology MCP6S91 Datasheet HTML 18Page - Microchip Technology MCP6S91 Datasheet HTML 19Page - Microchip Technology MCP6S91 Datasheet HTML 20Page - Microchip Technology MCP6S91 Datasheet HTML 21Page - Microchip Technology MCP6S91 Datasheet HTML 22Page - Microchip Technology MCP6S91 Datasheet HTML 23Page - Microchip Technology MCP6S91 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 20
MCP6S91/2/3
4.4
Rail-to-Rail VREF Input
The VREF input is intended to be driven by a low-
impedance voltage source. The source driving the
VREF pin should have an output impedance less than
0.1
Ω to maintain reasonable gain accuracy. The supply
voltage VSS and VDD usually meet this requirement.
RLAD presents a load at the VREF pin to the external
circuit (ZIN_REF ≈ (5 kΩ/G)||(6 pF)), which depends on
the gain. Any source driving the VREF pin must be
capable of driving a load as heavy as 0.16 k
Ω||6 pF
(G = 32).
The absolute maximum voltages that can be applied to
the reference input pin (VREF) are VSS –0.3V and
VDD + 0.3V. Voltages on the inputs that exceed this
absolute maximum rating can cause excessive current
to flow into or out of this pin. Current beyond ±2 mA can
cause possible reliability problems. Because an
external series resistor cannot be used (for low gain
error), the external circuit must ensure that VREF is
between VSS – 0.3V and VDD +0.3V.
The VIVR_REF spec shows the region of normal
operation for the VREF pin (VSS to VDD). Staying within
this region ensures proper operation of the PGA and its
surrounding circuitry.
4.5
Shutdown Mode
These PGAs use a software shutdown command.
When the SPI interface sends a shutdown command,
the internal op amp is shut down and its output placed
in a High-Z state.
The resistive ladder is always connected between
VREF and VOUT; even in shutdown. This means that the
output resistance will be on the order of 5 k
Ω, with a
path for output signals to appear at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com