Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S91 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 10Page - Microchip Technology MCP6S91 Datasheet HTML 11Page - Microchip Technology MCP6S91 Datasheet HTML 12Page - Microchip Technology MCP6S91 Datasheet HTML 13Page - Microchip Technology MCP6S91 Datasheet HTML 14Page - Microchip Technology MCP6S91 Datasheet HTML 15Page - Microchip Technology MCP6S91 Datasheet HTML 16Page - Microchip Technology MCP6S91 Datasheet HTML 17Page - Microchip Technology MCP6S91 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 14
MCP6S91/2/3
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF =VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-25:
Gain vs. Frequency.
FIGURE 2-26:
Bandwidth vs. Capacitive
Load.
FIGURE 2-27:
THD plus Noise vs.
Frequency, VOUT =2 VP-P.
FIGURE 2-28:
Gain Peaking vs. Capacitive
Load.
FIGURE 2-29:
The MCP6S91/2/3 family
shows no phase reversal under overdrive.
FIGURE 2-30:
THD plus Noise vs.
Frequency, VOUT =4 VP-P.
-20
-10
0
10
20
30
40
1.E+05
1.E+06
1.E+07
1.E+08
Frequency (Hz)
G = +2
G = +1
1M
10M
100M
100k
G = +32
G = +16
G = +10
G = +8
G = +5
G = +4
1
10
100
10
100
1000
Capacitive Load (pF)
G = +1
G = +4
G = +16
0.0001
0.001
0.01
0.1
1
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
100
1k
100k
10k
G = +1, RL = 10 kΩ to 1.5V
G = +4
G = +1
G = +16
Measurement BW = 80 kHz
VOUT = 2.0VP-P
VDD = 5.0V
0
1
2
3
4
5
6
7
10
100
1000
Capacitive Load (pF)
G = +16
G = +4
G = +1
-1
0
1
2
3
4
5
6
012
34567
89
10
Time (1 µs/div)
V
DD = 5.0V
G = +1 V/V
V
IN
V
OUT
0.0001
0.001
0.01
0.1
1
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Measurement BW = 80 kHz
V
OUT = 4 VP-P
V
DD = 5.0V
100
1k
100k
10k
G = +4
G = +1
G = +16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com