Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7484BSTZ
Description  3 MSPS, 14-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484BSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD7484BSTZ Datasheet HTML 1Page - Analog Devices AD7484BSTZ Datasheet HTML 2Page - Analog Devices AD7484BSTZ Datasheet HTML 3Page - Analog Devices AD7484BSTZ Datasheet HTML 4Page - Analog Devices AD7484BSTZ Datasheet HTML 5Page - Analog Devices AD7484BSTZ Datasheet HTML 6Page - Analog Devices AD7484BSTZ Datasheet HTML 7Page - Analog Devices AD7484BSTZ Datasheet HTML 8Page - Analog Devices AD7484BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7484
Rev. C | Page 5 of 20
TIMING CHARACTERISTICS
AVDD/DVDD = 5 V ± 5%, AGND = DGND = 0 V, VREF = external; all specifications TMIN to TMAX and valid for VDRIVE = 2.7 V to 5.25 V,
unless otherwise noted.
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
DATA READ
Conversion Time
tCONV
300
ns
Quiet Time Before Conversion Start
tQUIET
100
ns
CONVST
t1
Pulse Width
5
100
ns
CONVST Falling Edge to
t2
BUSY Falling Edge
20
ns
CS Falling Edge to
t3
RD Falling Edge
0
ns
Data Access Time
t4
25
ns
CONVST
t5
Falling Edge to New Data Valid
30
ns
BUSY
t6
Rising Edge to New Data Valid
5
ns
Bus Relinquish Time
t7
10
ns
RD Rising Edge to
t8
CS Rising Edge
0
ns
CS
t14
Pulse Width
30
ns
RD
t15
Pulse Width
30
ns
DATA WRITE
WRITE Pulse Width
t9
5
ns
Data Setup Time
t10
2
ns
Data Hold Time
t11
6
ns
CS
t12
Falling Edge to WRITE Falling Edge
5
ns
WRITE Falling Edge to CS
t13
Rising Edge
0
ns
1
All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com