Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7484BSTZ
Description  3 MSPS, 14-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7484BSTZ Datasheet HTML 2Page - Analog Devices AD7484BSTZ Datasheet HTML 3Page - Analog Devices AD7484BSTZ Datasheet HTML 4Page - Analog Devices AD7484BSTZ Datasheet HTML 5Page - Analog Devices AD7484BSTZ Datasheet HTML 6Page - Analog Devices AD7484BSTZ Datasheet HTML 7Page - Analog Devices AD7484BSTZ Datasheet HTML 8Page - Analog Devices AD7484BSTZ Datasheet HTML 9Page - Analog Devices AD7484BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7484
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
VDRIVE to DGND
−0.3 V to +7 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
REFIN to AGND
−0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supply
Pins
±10 mA
Operating Temperature Range
−40°C to +85°C
Commercial
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
50°C/W
θJC Thermal Impedance
10°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
1 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com