Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484BSTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7484BSTZ
Description  3 MSPS, 14-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484BSTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7484BSTZ Datasheet HTML 5Page - Analog Devices AD7484BSTZ Datasheet HTML 6Page - Analog Devices AD7484BSTZ Datasheet HTML 7Page - Analog Devices AD7484BSTZ Datasheet HTML 8Page - Analog Devices AD7484BSTZ Datasheet HTML 9Page - Analog Devices AD7484BSTZ Datasheet HTML 10Page - Analog Devices AD7484BSTZ Datasheet HTML 11Page - Analog Devices AD7484BSTZ Datasheet HTML 12Page - Analog Devices AD7484BSTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7484
Rev. C | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (kHz)
0
0
200
400
600
800
1400
–20
–40
–80
–100
–140
–60
1000
1200
fIN = 10.7kHz
SNR = 78.9dB
SNR + D = 78.8dB
THD = –93.9dB
–120
Figure 3. 64 k FFT Plot with 10 kHz Input Tone
FREQUENCY (kHz)
0
0
200
400
600
800
1400
–20
–40
–80
–100
–140
–60
1000
1200
fIN = 1.013MHz
SNR = 77.7dB
SNR + D = 77.6dB
THD = –95.5dB
–120
Figure 4. 64 k FFT Plot with 1 MHz Input Tone
ADC (Code)
1.0
0
4096
8192
16384
0.8
0.2
–0.6
–0.8
–1.0
–0.4
12288
0.6
0
0.4
–0.2
Figure 5. Typical DNL
ADC (Code)
1.0
0
4096
8192
16384
0.8
0.2
–0.6
–0.8
–1.0
–0.4
12288
0.6
0
0.4
–0.2
Figure 6. Typical INL
INPUT FREQUENCY (kHz)
80
65
10
10000
100
1000
70
75
Figure 7. SINAD vs. Input Tone (AD8021 Input Circuit)
INPUT FREQUENCY (kHz)
–40
100
1000
–70
–90
–100
–60
10000
–50
–80
100
Ω
10
Ω
0
Ω
51
Ω
200
Ω
Figure 8. THD vs. Input Tone for Different Input Resistances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com