Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484BSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7484BSTZ
Description  3 MSPS, 14-Bit SAR ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484BSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7484BSTZ Datasheet HTML 4Page - Analog Devices AD7484BSTZ Datasheet HTML 5Page - Analog Devices AD7484BSTZ Datasheet HTML 6Page - Analog Devices AD7484BSTZ Datasheet HTML 7Page - Analog Devices AD7484BSTZ Datasheet HTML 8Page - Analog Devices AD7484BSTZ Datasheet HTML 9Page - Analog Devices AD7484BSTZ Datasheet HTML 10Page - Analog Devices AD7484BSTZ Datasheet HTML 11Page - Analog Devices AD7484BSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7484
Rev. C | Page 8 of 20
Pin No.
Mnemonic
Description
40
D14
Data Output Bit for Overranging. If the overrange feature is not used, this pin should be pulled to DGND via
a 100 kΩ resistor.
41
CONVST
Convert Start Logic Input. A conversion is initiated on the falling edge of the CONVST signal. The input track-
and-hold amplifier goes from track mode to hold mode, and the conversion process commences.
42
RESET
Reset Logic Input. An active low reset pulse must be applied to this pin after power-up to ensure correct
operation. A falling edge on this pin resets the internal state machine and terminates a conversion that may
be in progress. The contents of the offset register will also be cleared on this edge. Holding this pin low
keeps the part in a reset state.
43
MODE2
Operating Mode Logic Input. See Table 8 for details.
44
MODE1
Operating Mode Logic Input. See Table 8 for details.
45
CLIP
Logic Input. A logic high on this pin enables output clipping. In this mode, any input voltage that is greater
than positive full scale or less than negative full scale will be clipped to all 1s or all 0s, respectively. Further
details are given in the Offset/Overrange section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com