Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3360 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3360
Description  Highly Integrated Photo Flash Charger and IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3360 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3360 Datasheet HTML 1Page - Monolithic Power Systems MP3360 Datasheet HTML 2Page - Monolithic Power Systems MP3360 Datasheet HTML 3Page - Monolithic Power Systems MP3360 Datasheet HTML 4Page - Monolithic Power Systems MP3360 Datasheet HTML 5Page - Monolithic Power Systems MP3360 Datasheet HTML 6Page - Monolithic Power Systems MP3360 Datasheet HTML 7Page - Monolithic Power Systems MP3360 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP3360 – HIGHLY INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3360 Rev. 0.9
www.MonolithicPower.com
2
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP3360
10-pin, 2x2 Flip QFN
4KY
-40
°C to +85°C
For Tape & Reel, add suffix –Z (e.g. MP3360DG–Z);
For RoHS Compliant Packaging, add suffix –LF(e.g. MP3360DG–LF–Z)
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
5
10
FB
VIGBT
VIN
AGND
PGND
CHG
9
8
7
6
IGBTIN
IGBTOUT
SW
RDYB
ABSOLUTE MAXIMUM RATINGS
(1)
VIN to GND .........................................-0.3Vto 6V
CHG, IGBTIN, IGBTOUT, VIGBT,
RDYB to AGND .................................-0.3Vto 6V
FB to AGND...................................-60V to 350V
SW to AGND...................................-0.3V to 60V
PGND to AGND ...........................-0.3V to +0.3V
2X2, 10 pin Flip Chip Thermal Resistance
Operating Temperature Ranges .........................
............................................. -20
°C to +85°C
Storage Temperature............... -55
°C to +150°C
Junction Temperature............................ +150
°C
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....1.6W
Lead Temperature (Solder).....................+260
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.5V to 6V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
2x2 Flip Chip ...........................80 ...... 16 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com