Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3360 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3360
Description  Highly Integrated Photo Flash Charger and IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3360 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3360 Datasheet HTML 1Page - Monolithic Power Systems MP3360 Datasheet HTML 2Page - Monolithic Power Systems MP3360 Datasheet HTML 3Page - Monolithic Power Systems MP3360 Datasheet HTML 4Page - Monolithic Power Systems MP3360 Datasheet HTML 5Page - Monolithic Power Systems MP3360 Datasheet HTML 6Page - Monolithic Power Systems MP3360 Datasheet HTML 7Page - Monolithic Power Systems MP3360 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP3360 – HIGHLY INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3360 Rev. 0.9
www.MonolithicPower.com
3
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = V (CHG) = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
Photoflash Capacitor Charger
VIN Voltage Range
2.5
6
V
VIN UVLO
Rising edge, hysteresis = 200mV
typical
2.5
V
VIN Quiescent Current
V(CHG)=High, V(SW) = 0
1
2
mA
VIN Quiescent Current
V(CHG)=High, V(FB) = 325V
150
µA
Shutdown Current from VIN
V(CHG)=Low, VIN =3.6V
1
µA
VSW Leakage Current
VIN=3.6V, VSW=60V, in Shutdown
1
µA
SW ON Resistance between SW
and GND
Switch turn-on
0.5
Ω
Pull-down Resistance of CHG pin
V(CHG)=3.6V
100
k
Ω
IPEAK1
Program for Highest Current Limit
1.3
1.5
1.7
A
IPEAK2
Program for Lowest Current Limit
0.4
0.6
A
Charge completion detect voltage
at FB
290
298
308
V
FB Resistance
V(FB)=30V
303
k
Ω
DCM Comparator threshold
5
V
RDYB Leakage Current
V(RDYB)=3.6V
0.1
µA
RDYB Output Low Voltage
ISINK= 2mA
0.2
V
MAX TON
Maximum TON time
70
120
µS
Thermal Shutdown
Rising edge, hysteresis = 15
°C
150
°C
Charge Input High Voltage
2.4
V
Charge Input Low Voltage
0.6
V
tHI
0.1
µS
tLO
0.1
µS
tEN_delay
30
µS
tPW
Vin=2.7V-5.5V
60
µS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com