Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3360 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3360
Description  Highly Integrated Photo Flash Charger and IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3360 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3360 Datasheet HTML 1Page - Monolithic Power Systems MP3360 Datasheet HTML 2Page - Monolithic Power Systems MP3360 Datasheet HTML 3Page - Monolithic Power Systems MP3360 Datasheet HTML 4Page - Monolithic Power Systems MP3360 Datasheet HTML 5Page - Monolithic Power Systems MP3360 Datasheet HTML 6Page - Monolithic Power Systems MP3360 Datasheet HTML 7Page - Monolithic Power Systems MP3360 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP3360 – HIGHLY INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3360 Rev. 0.9
www.MonolithicPower.com
5
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
INPUT VOLTAGE (V)
VOUT (V)
Charge Time vs.
Input Voltage
600
900
1200
1500
1800
2100
2400
2700
3000
3300
3600
3900
2.5
3 3.5
4 4.5
5 5.5
6 6.5
ISET=1.5V
COUT=100uF
VOUT=300V
ISET=1.5V
COUT=47uF
VOUT=300V
Efficiency vs VOUT
ISET=1.5A
50
53
56
59
62
65
68
71
74
77
80
70 110 150 190 230 270 310
VIN=4.5V
VIN=3V
VIN=6V
0.995
0.996
0.997
0.998
0.999
1
1.001
2.5
3 3.5
4 4.5
5 5.5
6 6.5
INPUT VOLTAGE (V)
ISET=1.5V
COUT=47uF
VOUT=300V
Line Regulation
VSW
20V/div.
VOUT
100V/div.
ISW
1A/div.
2us/div.
Switching Waveform
VIN = 3.3V, VOUT = 300V,
ISET = 1.5A, COUT = 47uF
Switching Waveform
VIN = 5.0V, VOUT = 300V,
ISET = 1.5A, COUT = 47uF
VSW
20V/div.
VOUT
100V/div.
ISW
1A/div.
2us/div.
VCHG
2V/div.
VRDYB
2V/div.
VOUT
100V/div.
ISW
500mA/div.
VCHG
2V/div.
VRDYB
2V/div.
VOUT
100V/div.
ISW
500mA/div.
VCHG
2V/div.
VRDYB
2V/div.
VOUT
100V/div.
ISW
500mA/div.
VCHG
2V/div.
VRDYB
2V/div.
VOUT
100V/div.
ISW
500mA/div.
400
µ s/div.
Charging Waveform
VIN = 3.3V, VOUT = 300V,
ISET = 1.5A, COUT = 47uF
200
µ s/div.
Charging Waveform
VIN = 5.0V, VOUT = 300V,
ISET = 1.5A, COUT = 47uF
1s/div.
Charging Waveform
VIN = 3.3V, VOUT = 300V,
ISET = 1.5A, COUT = 100uF
400
µ s/div.
Charging Waveform
VIN = 5.0V, VOUT = 300V,
ISET = 1.5A, COUT = 100uF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com