Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3360 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3360
Description  Highly Integrated Photo Flash Charger and IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3360 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3360 Datasheet HTML 1Page - Monolithic Power Systems MP3360 Datasheet HTML 2Page - Monolithic Power Systems MP3360 Datasheet HTML 3Page - Monolithic Power Systems MP3360 Datasheet HTML 4Page - Monolithic Power Systems MP3360 Datasheet HTML 5Page - Monolithic Power Systems MP3360 Datasheet HTML 6Page - Monolithic Power Systems MP3360 Datasheet HTML 7Page - Monolithic Power Systems MP3360 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP3360 – HIGHLY INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3360 Rev. 0.9
www.MonolithicPower.com
4
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin
Name
Function
1
IGBTIN
Logic Input Pin for IGBT Drive.
2
IGBTOUT
Output Drive for IGBT Gate. Connect this pin to the gate of the IGBT.
3
SW
Switch Pin. This is the drain of the internal power switch.
4
RDYB
Open-Drain Power-Ready Output. RDYB becomes low when the output voltage is reached.
5
FB
Feedback Pin. Its trip voltage is 298V
6
CHG
Charge Enable Pin. A low to high transition on this pin puts the part into power delivery
mode. Once the target voltage is reached, the part will stop charging the output. Toggle
this pin will start charging again. Bring this pin low will terminate the power delivery and put
the part in shutdown. This pin can be also used to program the peak current regulation. See
the description for current programming.
7
PGND
Power Ground
8
AGND
Analog ground. Tie it directly to local ground plane.
9
VIN
Input Supply Pin. Connect it to system supply voltage. Bypass VIN to GND with a 0.1uF or
greater ceramic capacitor.
10
VIGBT
2.7V LDO output. VIGBT is the supply voltage for IGBT gate driver. Bypass VIGBT with
0.1uF cap to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com