Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384EQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3384EQ
Description  50V, 4-String White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384EQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3384EQ Datasheet HTML 1Page - Monolithic Power Systems MP3384EQ Datasheet HTML 2Page - Monolithic Power Systems MP3384EQ Datasheet HTML 3Page - Monolithic Power Systems MP3384EQ Datasheet HTML 4Page - Monolithic Power Systems MP3384EQ Datasheet HTML 5Page - Monolithic Power Systems MP3384EQ Datasheet HTML 6Page - Monolithic Power Systems MP3384EQ Datasheet HTML 7Page - Monolithic Power Systems MP3384EQ Datasheet HTML 8Page - Monolithic Power Systems MP3384EQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP3384- 50V, 4-STRING WHITE LED DRIVER
MP3384 Rev. 1.01
www.MonolithicPower.com
3
1/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =12V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
4.5
25
V
Supply Current (Quiescent)
IQ
VIN=12V, VEN=5V, no load.
1.8
mA
Supply Current (Shutdown)
IST
VEN=0V, VIN=12V
2
μA
LDO Output Voltage
VCC
VEN=5V,
6V<VIN<25V,
0<IVCC<10mA
4.5
5
5.5
V
Input UVLO Threshold
VIN_UVLO
Rising Edge
3.6
4.1
4.45
V
Input UVLO Hysteresis
200
mV
EN ON Threshold
VEN_ON
VEN Rising
1.8
V
EN OFF Threshold
VEN_OFF
VEN Falling
0.6
V
STEP-UP CONVERTER
SW On-Resistance
RDS_ON
IDS=20mA
0.5
Ω
SW Leakage Current
ISW_LK
VSW=45V
1
μA
VOSC=VCC or Floating
1.0
1.25
1.5
MHz
Switching Frequency
fSW
VOSC=0V
500
625
750
kHz
OSC High-Level Threshold
VOSC_H
2.1
V
OSC Low-Level Threshold
VOSC_L
0.8
V
Minimum On Time
TON_MIN
PWM Mode,
when no pulse skipping happens
100
ns
Maximum Duty Cycle
DMAX
90
93
96
%
SW Current Limit
ISW_LIMIT
Duty=90%
1.2
A
COMP Transconductance
GCOMP
ΔICOMP=±10uA
100
μA/V
COMP Output Current
ICOMP
60
μA
PWM DIMMING
PWM High-Level Threshold
VPWMI_H
1.5
V
PWM Low-Level Threshold
VPWMI_L
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com