Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384EQ Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3384EQ
Description  50V, 4-String White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384EQ Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3384EQ Datasheet HTML 5Page - Monolithic Power Systems MP3384EQ Datasheet HTML 6Page - Monolithic Power Systems MP3384EQ Datasheet HTML 7Page - Monolithic Power Systems MP3384EQ Datasheet HTML 8Page - Monolithic Power Systems MP3384EQ Datasheet HTML 9Page - Monolithic Power Systems MP3384EQ Datasheet HTML 10Page - Monolithic Power Systems MP3384EQ Datasheet HTML 11Page - Monolithic Power Systems MP3384EQ Datasheet HTML 12Page - Monolithic Power Systems MP3384EQ Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP3384- 50V, 4-STRING WHITE LED DRIVER
MP3384 Rev. 1.01
www.MonolithicPower.com
11
1/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of MP3384 SW to PGND pin
(U1), output diode (D1), and output capacitor (C3)
is flowing with high frequency pulse current,
therefore, it must be as short as possible (See
Figure 3).
Figure 3—Layout Consideration
The IC exposed pad is internally connected to
GND pin, and all logic signals are referred to GND.
The PGND should be externally connected to
GND and is recommended to keep away from the
logic signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com