Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384EQ Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3384EQ
Description  50V, 4-String White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384EQ Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3384EQ Datasheet HTML 4Page - Monolithic Power Systems MP3384EQ Datasheet HTML 5Page - Monolithic Power Systems MP3384EQ Datasheet HTML 6Page - Monolithic Power Systems MP3384EQ Datasheet HTML 7Page - Monolithic Power Systems MP3384EQ Datasheet HTML 8Page - Monolithic Power Systems MP3384EQ Datasheet HTML 9Page - Monolithic Power Systems MP3384EQ Datasheet HTML 10Page - Monolithic Power Systems MP3384EQ Datasheet HTML 11Page - Monolithic Power Systems MP3384EQ Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP3384- 50V, 4-STRING WHITE LED DRIVER
MP3384 Rev. 1.01
www.MonolithicPower.com
8
1/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP3384 employs a constant frequency, peak
current mode step-up converter and 4-channels
regulated current sources to regulate the array of
4 strings white LEDs. The operation of the
MP3384 can be understood by referring to the
block diagram of Figure 1.
Internal 5V Regulator
The MP3384 includes an internal linear regulator
(VCC). When VIN is greater than 5.5V, this
regulator offers a 5V power supply for the internal
MOSFET switch gate driver and the internal
control circuitry. The VCC voltage drops to 0V
when the chip shuts down. In the application of
VIN lower than 5.5V, tie VCC and VIN together.
The MP3384 features Under Voltage Lockout.
The chip is disabled until VCC exceeds the UVLO
threshold. And the hysteresis of UVLO is
approximately 200mV.
System Startup
When the MP3384 is enabled, the chip checks
the topology connection first. the chip monitors
the OVP pin to see if the Schottky diode is not
connected. If the OVP voltage is lower than 70mV,
the chip will be disabled. The MP3384 will also
check other safety limits, including UVLO and
OTP after the OVP test is passed. If they are all in
function, it then starts boosting the step-up
converter with an internal soft-start.
It is recommended on the start up sequence that
the enable signal comes after input voltage and
PWM dimming signal established.
Step-up Converter
The converter operation frequency is selectable
(1.25MHz or 625kHz), which is helpful for
optimizing the external components sizes and
improving the efficiency.
At the beginning of each cycle, the power FET is
turned on with the internal clock. To prevent
sub-harmonic oscillations at duty cycles greater
than 50 percent, a stabilizing ramp is added to the
output of the current sense amplifier and the
result is fed into the PWM comparator. When this
result voltage reaches the output voltage of the
error amplifier (VCOMP) the power FET is turned
off.
The voltage at the output of the internal error
amplifier is an amplified signal of the difference
between the 600mV reference voltage and the
feedback voltage. The converter automatically
chooses the lowest active LEDX pin voltage for
providing enough bus voltage to power all the
LED arrays.
If the feedback voltage drops below the 600mV
reference, the output of the error amplifier
increases. It results in more current flowing
through the power FET, thus increasing the
power delivered to the output. In this way it forms
a close loop to make the output voltage in
regulation.
At light-load or Vout near to Vin operation, the
converter runs into the pulse-skipping mode, the
FET is turned on for a minimum on-time of
approximately 100ns, and then the converter
discharges the power to the output in the remnant
period. The FET will keep off until the output
voltage needs to be boosted again.
Dimming Control
The MP3384 provides PWM Dimming mode with
external PWM signal on PWM pin. The method
results in PWM chopping of the current in the
LEDs for all 4 channels to provide LED control.
The brightness of the LED array is proportional to
the duty cycle of the PWM signal.
Open String Protection
The open string protection is achieved through
the over voltage protection. If one or more strings
are open, the respective LEDX pins are pulled to
ground and the IC keeps charging the output
voltage until it reach OVP threshold. Then the
part will mark off the open strings whose LEDX
pin voltage are less than 180mV. Once the
mark-off operation completes, the remaining LED
strings will force the output voltage back into tight
regulation. The string with the highest voltage
drop is the ruling string during output regulation.
The MP3384 always tries to light at least one
string and if all strings in use are open, the
MP3384 shuts down the step-up converter. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com