Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384EQ Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3384EQ
Description  50V, 4-String White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384EQ Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3384EQ Datasheet HTML 5Page - Monolithic Power Systems MP3384EQ Datasheet HTML 6Page - Monolithic Power Systems MP3384EQ Datasheet HTML 7Page - Monolithic Power Systems MP3384EQ Datasheet HTML 8Page - Monolithic Power Systems MP3384EQ Datasheet HTML 9Page - Monolithic Power Systems MP3384EQ Datasheet HTML 10Page - Monolithic Power Systems MP3384EQ Datasheet HTML 11Page - Monolithic Power Systems MP3384EQ Datasheet HTML 12Page - Monolithic Power Systems MP3384EQ Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP3384- 50V, 4-STRING WHITE LED DRIVER
MP3384 Rev. 1.01
www.MonolithicPower.com
10
1/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
can be selected to 1.25MHz or 625kHz. A bi-level
Switching Frequency Selection (OSC) input sets
the internal oscillator frequency for the step-up
converter. When connects OSC pin to GND, the
switching frequency is set to 625kHz, when floats
the OSC pin or connects it to VCC, the frequency
is set to 1.25MHz.
Setting the LED Current
The LED string currents are identical and set
through the current setting resistor on the ISET
pin.
ILED = 1000 x 1.21V / RSET
For RSET=60.4kΩ, the LED current is set to 20mA.
The ISET pin can not be open.
Setting the Over Voltage Protection
The open string protection is achieved through
the over voltage protection (OVP). In some cases,
an LED string failure results in the feedback
voltage always zero. The part then keeps
boosting the output voltage higher and higher. If
the output voltage reaches the programmed OVP
threshold, the protection will be triggered.
To make sure the chip functions properly, the
OVP setting resistor divider must be set to a
proper value. The recommended OVP point is
about 1.3 times of the output voltage for normal
operation.
VOVP=1.23V*(R1+R2)/R2
PWM
Dimming Mode
The MP3384 provides PWM dimming mode with
external PWM signal on PWM pin.
An external PWM dimming signal is directly
employed to achieve PWM dimming control.
Apply the 100Hz to 2kHz PWM dimming signal to
PWM pin. The minimum recommended amplitude
of the PWM signal is 1.5V (See Figure 2).
VCC
C1
PWM
MP3384
PWM Dimming
100Hz~2kHz
Figure 2— PWM Dimming
Selecting the Inductor
A 22μH (for 1.25MHz switching frequency) /47uH
(for 625kHz switching frequency) inductor with a
DC current rating of at least 40% higher than the
maximum input current is recommended for most
applications. For highest efficiency, the inductor’s
DC resistance should be as small as possible.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
high frequency switching current from passing
through the input. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended because
of their low ESR and small temperature
coefficients. For most applications, a 4.7μF
capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance should be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
2.2μF ceramic capacitor is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com