Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386EY Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3386EY
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386EY Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3386EY Datasheet HTML 1Page - Monolithic Power Systems MP3386EY Datasheet HTML 2Page - Monolithic Power Systems MP3386EY Datasheet HTML 3Page - Monolithic Power Systems MP3386EY Datasheet HTML 4Page - Monolithic Power Systems MP3386EY Datasheet HTML 5Page - Monolithic Power Systems MP3386EY Datasheet HTML 6Page - Monolithic Power Systems MP3386EY Datasheet HTML 7Page - Monolithic Power Systems MP3386EY Datasheet HTML 8Page - Monolithic Power Systems MP3386EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
2
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP3386DR*
QFN24 (4x4mm)
3386DR
-40
°C to +85°C
MP3386EY**
SOIC28
3386EY
-20
°C TO +85°C
* For Tape & Reel, add suffix –Z (e.g. MP3386DR–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP3386DR–LF–Z)
* * For Tape & Reel, add suffix –Z (e.g. MP3386EY–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP3386EY–LF–Z)
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
5
6
18
17
16
15
14
13
EN
OSC
FSET
PWMO
GND
PWM1
EXPOSED PAD
CONNECT TO GND
PGND1
PGND2
OVP
VOUT
NC
LED1
789
10
11
12
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW
VFAULT
PWMO
VOUT
VCC
NC
EN
LED1
OVP
VIN
COMP
OSC
AGND
FSET
PWMI
SW2
PGND1
NC
NC
PGND2
NC
ISET
NC
LED2
LED4
LED3
LED5
LED6
SW1
QFN24 (4x4mm)
SOIC28
ABSOLUTE MAXIMUM RATINGS
(1)
VIN .................................................-0.3V to +30V
VVFAULT...........................................VIN - 6V to VIN
VSW, VOUT, VLED1 to VLED6 ..................-1V to +50V
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
QFN24 (4x4mm)…………………………….2.9W
SOIC28…………………………… ….…....2.1W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 25V
Maximum Junction Temp. (TJ) .............. +125°C
Thermal Resistance
(4)
θJA
θJC
QFN24 (4x4mm) ....................42 ....... 9 ....
°C/W
SOIC28 ..................................60 ...... 30 ...
°C/W
Notes:
1)
Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/
θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com