Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386EY Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3386EY
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386EY Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3386EY Datasheet HTML 2Page - Monolithic Power Systems MP3386EY Datasheet HTML 3Page - Monolithic Power Systems MP3386EY Datasheet HTML 4Page - Monolithic Power Systems MP3386EY Datasheet HTML 5Page - Monolithic Power Systems MP3386EY Datasheet HTML 6Page - Monolithic Power Systems MP3386EY Datasheet HTML 7Page - Monolithic Power Systems MP3386EY Datasheet HTML 8Page - Monolithic Power Systems MP3386EY Datasheet HTML 9Page - Monolithic Power Systems MP3386EY Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
6
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
QFN24
Pin #
SOIC28
Pin #
Name
Description
16
22
OVP
Over-voltage Protection Input. Connect a resistor divider from output to this
pin to program the OVP threshold. When this pin voltage reaches 1.23V, the
MP3386 triggers OV Protection mode.
17
23
PGND2
Step-up Converter Power Ground.
18
24
PGND1
Step-up Converter Power Ground. PGND1 and PGND2 should be shorted
externally.
19
28
SW1
Step-up Converter Power Switch Output. SW1 is the drain of the internal
MOSFET switch. Connect the power inductor and output rectifier to SW1.
SW1 can swing between GND and 50V. SW1 and SW2 should be shorted
externally.
20
26
SW2
Step-up Converter Power Switch Output. SW2 is the drain of the internal
MOSFET switch. Connect the power inductor and output rectifier to SW2.
SW2 can swing between GND and 50V. SW1 and SW2 should be shorted
externally.
21
1
VFAULT
Fault Disconnection Switch Driver Output. When the system starts up
normally, this pin turns on the external PMOS. When the MP3386 is disabled,
the external PMOS is turned off to disconnect the input and output.
22
2
COMP
Step-up Converter Compensation Pin. This pin is used to compensate the
regulation control loop. Connect a capacitor or a series RC network from
COMP to GND.
23
3
VIN
Supply Input. VIN supplies the power to the chip, as well as the step-up
converter switch. Drive VIN with a 4.5V to 25V power source. Must be locally
bypassed.
24
4
VCC
The Internal 5V Linear Regulator Output. VCC provides power supply for the
internal MOSFET switch gate driver and the internal control circuitry. Bypass
VCC to GND with a ceramic capacitor. If VIN is less than 5.5V, apply an
external 5V supply directly on VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com