Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386EY Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3386EY
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386EY Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3386EY Datasheet HTML 1Page - Monolithic Power Systems MP3386EY Datasheet HTML 2Page - Monolithic Power Systems MP3386EY Datasheet HTML 3Page - Monolithic Power Systems MP3386EY Datasheet HTML 4Page - Monolithic Power Systems MP3386EY Datasheet HTML 5Page - Monolithic Power Systems MP3386EY Datasheet HTML 6Page - Monolithic Power Systems MP3386EY Datasheet HTML 7Page - Monolithic Power Systems MP3386EY Datasheet HTML 8Page - Monolithic Power Systems MP3386EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP3386
50V, 6 String White LED Driver
MP3386 Rev. 1.0
www.MonolithicPower.com
1
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3386 is a step-up converter with 6-
channel current sources designed for driving the
white LED arrays for large size LCD panel
backlighting applications.
The MP3386 uses current mode, fixed frequency
architecture. The switching frequency can be
selected at 1.25MHz or 625kHz. It generates an
output voltage up to 50V from a 4.5V to 25V input
supply. The MP3386 regulates the current in each
LED string to the user programmed value set by an
external current setting resistor.
The MP3386 applies 6 internal current sources in
each LED string terminal to get current balance.
And the current matching achieves 3% regulation
accuracy between strings. Its low 600mV
regulation voltage on LED current sources reduces
power loss and improves efficiency.
The MP3386 features external PWM dimming or
DC input PWM dimming, which allows the flexible
control of the backlighting luminance under wide
range of the ambient brightness, and also avoids
the possibility of PWM dimming audible noise. The
dimming PWM signal can be generated internally,
and the dimming frequency is programmed by an
external setting capacitor.
FEATURES
• High Efficiency and Small Size
• 4.5V to 25V Input Voltage Range
• 50V Maximum Step-up Voltage
• Balanced Driver for 6 Strings of WLED
• 3% Current Matching Accuracy Between
Strings
• Selectable Switching Frequency: 1.25MHz or
625kHz
• PWM or DC Input Burst PWM Dimming
• Programmable
Over-voltage
Protection
Threshold
• Under Voltage Lockout
• Open and Short LED Protection
• Thermal Shutdown
• Small QFN24 (4x4mm) and 28-pin SOIC
Package
APPLICATIONS
• Notebook & Netbook PC
• Small LCD TV
• Handy Terminals Display
• Automotive System and Tablet Computer
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
4.5V~25V
MP3386
VCC
VIN
COMP VFAULT
SW2
SW1
24
23
22
21
20
19
EN
OSC
FSET
PWMO
GND
PWMI
LED6
LED5
LED4
LED3
LED2
ISET
PGND1
PGND2
OVP
VOUT
NC
LED1
7
8
9
10
11
12
1
2
3
4
5
6
18
17
16
15
14
13
Enable
PWM
DIMMING
NC
L1
D1
M1
C1
C3
C2
R1
R2
RSET
C4
C5
C6


Similar Part No. - MP3386EY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3386DR MPS-MP3386DR Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
More results

Similar Description - MP3386EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com