Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386EY Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3386EY
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386EY Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3386EY Datasheet HTML 1Page - Monolithic Power Systems MP3386EY Datasheet HTML 2Page - Monolithic Power Systems MP3386EY Datasheet HTML 3Page - Monolithic Power Systems MP3386EY Datasheet HTML 4Page - Monolithic Power Systems MP3386EY Datasheet HTML 5Page - Monolithic Power Systems MP3386EY Datasheet HTML 6Page - Monolithic Power Systems MP3386EY Datasheet HTML 7Page - Monolithic Power Systems MP3386EY Datasheet HTML 8Page - Monolithic Power Systems MP3386EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
5
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN24
Pin #
SOIC28
Pin #
Name
Description
1
5
EN
Enable Control Input. Do not let this pin floating.
2
6
OSC
Switching Frequency Selection Input. When float this pin or connect this pin to
VCC, the step-up converter switching frequency is 1.25MHz. When connect this
pin to GND, the step-up converter switching frequency is 625kHz.
3
7
FSET
Dimming PWM Frequency Set. Connect a capacitor between FSET and GND to
set the DPWM frequency by the equation: fDPWM=3.5uF/CFSET. The frequency of
DPWM is recommended to be set from 100Hz to 2kHz.
4
8
PWMO
PWM Filter Output. To use external PWM dimming mode, connect a capacitor
between PWMO and GND to form a low-pass filter with an internal 400kΩ
resistor. It filters the external PWM logic signal on PWMI pin into a DC signal
whose level is inversely proportional to the duty-cycle of the input PWM signal
and then the DC signal is translated into a duty-cycle of the dimming PWM. To
use DC input PWM dimming mode, directly apply a DC voltage from 0.2V to
1.2V on PWMO pin for dimming PWM duty cycle control. The DC input PWM
dimming polarity is negative.
5
9
GND
Analog Ground.
6
10
PWMI
PWM Signal Input. To use external PWM dimming mode, apply a PWM signal
on this pin for brightness control. This signal is filtered and its duty cycle is
converted into a DC signal to calculate the DPWM duty cycle. And the DPWM
duty cycle equals to the input PWM duty cycle. To use DC input PWM dimming
mode, float this pin.
7
11
LED6
LED String 6 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 6 cathode to this pin. If this
string is not used, connect Vout to this pin.
8
12
LED5
LED String 5 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 5 cathode to this pin. If this
string is not used, connect Vout to this pin.
9
13
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 4 cathode to this pin. If this
string is not used, connect Vout to this pin.
10
14
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 3 cathode to this pin. If this
string is not used, connect Vout to this pin.
11
16
ISET
LED Current Set. Tie a current setting resistor from this pin to ground to
program the current in each LED string. ILED = 1.21V / RSET
12
18
LED2
LED String 4 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 4 cathode to this pin. If this
string is not used, connect Vout to this pin.
13
19
LED1
LED String 3 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 3 cathode to this pin. If this
string is not used, connect Vout to this pin.
14
15, 17,
20, 25,
27
NC
No Connection.
15
21
Vout
Voltage Output. Connect this pin to output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com