Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3393
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3393 Datasheet HTML 1Page - Monolithic Power Systems MP3393 Datasheet HTML 2Page - Monolithic Power Systems MP3393 Datasheet HTML 3Page - Monolithic Power Systems MP3393 Datasheet HTML 4Page - Monolithic Power Systems MP3393 Datasheet HTML 5Page - Monolithic Power Systems MP3393 Datasheet HTML 6Page - Monolithic Power Systems MP3393 Datasheet HTML 7Page - Monolithic Power Systems MP3393 Datasheet HTML 8Page - Monolithic Power Systems MP3393 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
3
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP3393EF
TSSOP28EP
MP3393
MP3393EY
SOIC28
MP3393
*
For Tape & Reel, add suffix –Z (eg. MP3393EF–Z).
For RoHS, compliant packaging, add suffix –LF (e.g. MP3393EF–LF–Z).
**
For Tape & Reel, add suffix –Z (eg. MP3393EY–Z).
For RoHS, compliant packaging, add suffix –LF (e.g. MP3393EY–LF–Z).
PACKAGE REFERENCE
VIN
OSC
CTL2
COMP
FB2
CTL1
CTL3
26
25
24
23
Exposed Pad
Connect to GND
FB8
28
27
9
10
7
8
VCC
DIM
FB1
GATE
ISENSE
GND
VFAULT
FF
TOP VIEW
20
19
22
21
3
4
5
6
1
2
CTL6
FB5
CTL5
FB3
16
15
18
17
13
14
11
12
CTL4
FB4
EN
OVP
FB6
CTL7
FB7
CTL8
TSSOP28EP
SOIC28
ABSOLUTE MAXIMUM RATINGS
(1)
VIN,VFAULT........................................-0.3V to 35V
VGATE ...............................................-0.5V to 13V
VCC ..................................................-0.5V to 13V
VCTL1 to VCTL8................................................ 58V
All Other Pins...............................-0.3V to +6.3V
Continuous Power Dissipation (TA = +25°C)
(2)
TSSOP28EP………………………………...3.9 W
SOIC28………………………………………2.1W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................9V to 32V
LED Current (Backlight) ...........50mA to 300mA
Operating Junction Temp (TJ).. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP28EP ...........................32 ....... 6 .... °C/W
SOIC28 ..................................60 ...... 30 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com