Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3393
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3393 Datasheet HTML 9Page - Monolithic Power Systems MP3393 Datasheet HTML 10Page - Monolithic Power Systems MP3393 Datasheet HTML 11Page - Monolithic Power Systems MP3393 Datasheet HTML 12Page - Monolithic Power Systems MP3393 Datasheet HTML 13Page - Monolithic Power Systems MP3393 Datasheet HTML 14Page - Monolithic Power Systems MP3393 Datasheet HTML 15Page - Monolithic Power Systems MP3393 Datasheet HTML 16Page - Monolithic Power Systems MP3393 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
13
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
is programmable from 100kHz to 500kHz. A
resistor on the OSC pin sets the internal
oscillator frequency for the step-up converter
according to the equation:
fSW = 16000 / ROSC(kΩ)
For ROSC=100kΩ, the switching frequency is
160kHz.
Setting the LED Current
The LED string currents are identical and set
through the current sense resistor on the FB pin.
ILED = 202mV / RSET
For RFB=2Ω, the LED current is set to 101mA.
The FB pin cannot be left open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor’s
impedance at the switching frequency should be
less than the input source impedance to prevent
high-frequency switching current from passing
through the input. Use ceramic capacitors with
X5R or X7R dielectrics for their low ESR and
small
temperature
coefficients.
For
most
applications, use a 4.7μF ceramic capacitor in
parallel with a 220µF electrolytic capacitor.
Selecting the Inductor and Current Sensing
Resistor
The device requires an inductor to force the
output voltage higher while being driven by the
input voltage. A larger-value inductor results in
less ripple current, resulting in lower peak
inductor current and reducing stress on the
external
N-Channel
MOSFET
of
step-up
converter. However, the larger-value inductor is
physically larger, has a higher series resistance
and lower saturation current.
Choose an inductor that does not saturate under
the worst-case load conditions. The minimum
value of inductor is selected to ensure that the
boost converter works in continuous conduction
mode for high efficiency and good EMI
performance.
Calculate the required inductance value by the
equation:
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
××
× −
≥
××
OUT
IN
V
V
1
D
−
=
Where VIN and VOUT is the input and output
voltage, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
The switch current is usually used for the peak
current mode control. In order to avoid hitting the
current limit, the voltage across the sensing
resistor RSENSE should be less than 80% of the
worst case current limit voltage, VSENSE.
SENSE
SENSE
L(PEAK)
0.8 V
R
I
×
=
OUT
LOAD
IN
OUT
IN
L(PEAK)
IN
SW
OUT
VI
V
(V
-V )
I
ηV
2 L f
V
××
=+
××
×
Where IL(PEAK) is the peak value of the inductor
current. VSENSE is shown in Figure 2.
276
262
248
234
220
206
192
177
163
10
20
30
40
50
60
70
80
90
Current Limit vs.
Duty Cycle
0
50
100
150
200
250
300
0
20
40
60
80
100
Figure 2: VSENSE vs Duty Cycle
Selecting External Bipolar Junction
Transistor
Each LEDs string has a bipolar junction transistor
(BJT) in order to regulate LED current. Voltage
rating and current rating of BJT should exceed
1.2 ×VOUT and 1.5×ILED.
Static Forward Current Transfer Ratio (hFE) must
be given by: hFE-MIN)>ILED/ICTL-MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com