Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3393
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3393 Datasheet HTML 8Page - Monolithic Power Systems MP3393 Datasheet HTML 9Page - Monolithic Power Systems MP3393 Datasheet HTML 10Page - Monolithic Power Systems MP3393 Datasheet HTML 11Page - Monolithic Power Systems MP3393 Datasheet HTML 12Page - Monolithic Power Systems MP3393 Datasheet HTML 13Page - Monolithic Power Systems MP3393 Datasheet HTML 14Page - Monolithic Power Systems MP3393 Datasheet HTML 15Page - Monolithic Power Systems MP3393 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
12
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
strings maintain their off status until the chip
restarts.
Short String Protection
The MP3393 monitors the CTLx pin voltage to
determine the presence of a short string. If one or
more strings are shorted, the respective CTLx
pins pull up to the boost output and tolerate high
voltage stress. If a CTLx pin voltage exceeds
6.5V, it meets the short string condition. When
the short string fault (CTLx over-voltage fault)
continues longer than 3072 clock cycles, the
device marks off the shorted string and disables
it. Once a string is marked-off, its current
regulator disconnects from the output voltage
loop regulation. The marked-off LED strings
remain off until the chip restarts. If all strings in
use are shorted, the MP3393 shuts down the
step-up converter.
Short VOUT to GND Protection
The MP3393 detects when VOUT is shorted to
GND when the OVP pin voltage is lower than
70mV, and triggers the SCP. The VFAULT pin
rises to VIN to turn off the external P-MOSFET,
which connects the input power source to the
step-up converter.
Fault-Flag Indicator
In normal mode, the FF rises to VCC through the
pull-up resistor. Under short-circuit, open-circuit,
or thermal shutdown conditions, the FF pin is
pulled to GND and indicates the appropriate fault
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com