Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3393 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3393
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3393 Datasheet HTML 3Page - Monolithic Power Systems MP3393 Datasheet HTML 4Page - Monolithic Power Systems MP3393 Datasheet HTML 5Page - Monolithic Power Systems MP3393 Datasheet HTML 6Page - Monolithic Power Systems MP3393 Datasheet HTML 7Page - Monolithic Power Systems MP3393 Datasheet HTML 8Page - Monolithic Power Systems MP3393 Datasheet HTML 9Page - Monolithic Power Systems MP3393 Datasheet HTML 10Page - Monolithic Power Systems MP3393 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
7
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
17
CTL6
External Transistor Control Pin. Connect it to the base of an external transistor to
regulate the channel 6 current.
18
FB6
LED Current Feedback. Detects the channel 6 current.
19
CTL7
External Transistor Control Pin. Connect it to the base of an external transistor to
regulate the channel 7 current.
20
FB7
LED Current Feedback. Detects the channel 7 current.
21
CTL8
External Transistor Control Pin. Connect it to the base of an external transistor to
regulate the channel 8 current.
22
FB8
LED Current Feedback. Detects the channel 8 current.
23
FF
Fault Flag Output. Open drain of internal N-MOSFET. Pulled up to external DC level in
normal mode. Internal MOSFET turns on and the FF is pulled to GND when open/short
protection triggers.
24
OVP
Over-Voltage Protection Input. Connect a resistor divider from the output to this pin to
program the OVP threshold. When this pin voltage reaches 1.23V, the MP3393 triggers
OVP mode.
25
GND
Step-Up Converter Power Ground.
26
ISENSE
Current Sense. Senses the voltage across the external inductor-current sensing resistor
for peak current mode control and to limit inductor current during each switching cycle. If
this pin is not used for daisy-chaining with another MP3393, tie this pin to GND: do not
leave it floating.
27
GATE
Step-up Converter Power Switch Gate Output. Drives the external power NMOS.
28
VFAULT
Fault Disconnection Switch Gate Output. Turns on the external PMOS during normal
operation. When the MP3393 is disabled, the external PMOS turns off to disconnect the
input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com