Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3394EF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3394EF
Description  Step-up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394EF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3394EF Datasheet HTML 3Page - Monolithic Power Systems MP3394EF Datasheet HTML 4Page - Monolithic Power Systems MP3394EF Datasheet HTML 5Page - Monolithic Power Systems MP3394EF Datasheet HTML 6Page - Monolithic Power Systems MP3394EF Datasheet HTML 7Page - Monolithic Power Systems MP3394EF Datasheet HTML 8Page - Monolithic Power Systems MP3394EF Datasheet HTML 9Page - Monolithic Power Systems MP3394EF Datasheet HTML 10Page - Monolithic Power Systems MP3394EF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP3394—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394 Rev. 1.07
www.MonolithicPower.com
7
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, 12 LEDs in series, 4 strings parallel, 120mA/string, unless otherwise noted.
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
Steady State
VSW
20V/div.
VOUT
20V/div.
VIN
10V/div.
ILED
500mA/div.
Vin Startup
VSW
20V/div.
VOUT
20V/div.
VEN
5V/div.
ILED
500mA/div.
Ven Startup
VSW
20V/div.
VBOSC
500mV/div.
VOUT
20V/div.
ILED
500mA/div.
DC Burst Dimming
VPWM = 0.1V, CBOSC = 1.8nF
VSW
20V/div.
VOUT
20V/div.
VPWM
5V/div.
ILED
500mA/div.
External PWM Dimming
fPWM = 2kHz, DPWM = 50%
VSW
20V/div.
VOUT
20V/div.
VIN
10V/div.
ILED
500mA/div.
Open LED Protection
Open all LED strings at working
VSW
20V/div.
VOUT
20V/div.
VIN
10V/div.
ILED
500mA/div.
Open LED Protection
Open one LED string at working
VSW
20V/div.
VOUT
20V/div.
VLED1
20V/div.
ILED
500mA/div.
Short LED Protection
Short VOUT to LEDx at working
Efficiency vs. Vin
0.8
0.825
0.85
0.875
0.9
0.925
0.95
0.975
1
510
15
20
25
30
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com