Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3394EF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3394EF
Description  Step-up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394EF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3394EF Datasheet HTML 6Page - Monolithic Power Systems MP3394EF Datasheet HTML 7Page - Monolithic Power Systems MP3394EF Datasheet HTML 8Page - Monolithic Power Systems MP3394EF Datasheet HTML 9Page - Monolithic Power Systems MP3394EF Datasheet HTML 10Page - Monolithic Power Systems MP3394EF Datasheet HTML 11Page - Monolithic Power Systems MP3394EF Datasheet HTML 12Page - Monolithic Power Systems MP3394EF Datasheet HTML 13Page - Monolithic Power Systems MP3394EF Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP3394—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394 Rev. 1.07
www.MonolithicPower.com
10
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
When bias the BOSC pin to a DC level by a
resistor, applying an external PWM signal to the
DBRT pin to achieve the external PWM dimming.
A DC analog signal can be directly applied to the
DBRT pin to modulate the LED current with a
capacitor on BOSC pin. And the DC signal is
then converted to a DPWM dimming signal with
the setting oscillation frequency.
The brightness of the LED array is proportional to
the duty cycle of the DPWM signal. The DPWM
signal frequency is set by the cap at the BOSC
pin.
Open String Protection
The open string protection is achieved through
detecting the voltage of OVP and LED1~4 pin. If
one or more strings are open, the respective
LEDX pins are pulled to ground and the IC keeps
charging the output voltage until it reach OVP
threshold. Then the part marks off the open
strings whose LEDX pin voltage is lower than
196mV. Once the mark-off operation completes,
the remaining LED strings force the output
voltage back into tight regulation. The string with
the highest voltage drop is the ruling string during
output regulation.
The MP3394 always tries to light at least one
string and if all strings are open, the MP3394
shuts down the step-up converter. The part
maintains mark-off information until resetting it.
Short String Protection
The MP3394 monitors the LEDX pin voltage to
judge if the short string fault occurs. If one or
more strings are short, the respective LEDX pins
tolerate high voltage stress. If the LEDX pin
voltage is higher than 6.3V, the short string
condition is detected on the respective string.
When the short string fault (LEDX over-voltage
fault) keeps for 2048 switching clocks, the fault
string is marked off and disable. Once a string is
marked off, its current regulation is forced to
disconnect
from
the
output
voltage
loop
regulation. The marked-off LED strings will be
shut off totally until the part restarts. If all strings
are short, the MP3394 will shut down the step-up
converter.
The
part
maintains
mark-off
information until resetting it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com