Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3394EF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3394EF
Description  Step-up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394EF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3394EF Datasheet HTML 9Page - Monolithic Power Systems MP3394EF Datasheet HTML 10Page - Monolithic Power Systems MP3394EF Datasheet HTML 11Page - Monolithic Power Systems MP3394EF Datasheet HTML 12Page - Monolithic Power Systems MP3394EF Datasheet HTML 13Page - Monolithic Power Systems MP3394EF Datasheet HTML 14Page - Monolithic Power Systems MP3394EF Datasheet HTML 15Page - Monolithic Power Systems MP3394EF Datasheet HTML 16Page - Monolithic Power Systems MP3394EF Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP3394—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394 Rev. 1.07
www.MonolithicPower.com
13
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
BOSC
DBRT
MP3394
PWM Dimming
100Hz~20kHz
R1
100 kO
Figure 4—Direct PWM Dimming
Table 1 shows the PWM dimming duty Range
with different PWM dimming frequency.
Table 1—The Range of PWM Dimming Duty
Fpwm(Hz)
Dmin
Dmax
100<f
≤200
0.30%
100%
200<f
≤500
0.75%
100%
500<f
≤1k
1.50%
100%
1k<f
≤2k
3.00%
100%
2k<f
≤5k
7.50%
100%
5k<f
≤10k
15.00%
100%
10k<f
≤20k
30.00%
100%
2. DC Input PWM Dimming
To apply DC input PWM dimming, apply an
analog signal (range from 0.2 V to 1.2V) to the
DBRT pin to modulate the LED current directly. If
the PWM dimming signal is applied with a lower
0.2V DC voltage, the PWM duty cycle will be 0%.
If the DBRT pin is applied with a DC
voltage>1.2V, the output will be 100% (See
Figure 5). The capacitor on BOSC pin set the
frequency of internal triangle waveform according
to the equation.
fBOSC (kHz)= 3.5 / CBOSC(nF)
The dimming frequency is recommended set
from 100Hz to 20kHz.
C1
BOSC
DBRT
MP3394
DC Signal
Figure 5—DC input PWM Dimming
Extending LED Channels applications
The MP3394 is flexible for extending LED
channels with two or three MP3394s in parallel.
For the connection of two MP3394s extending 8
strings LEDs, tie the VCC pins of the master IC
and the slave IC together to provide the power of
the slave IC internal logic circuitry. Also tie the
COMP pins of the slave IC and the master IC
together to regulate the voltage of all 8 strings
LEDs. The MOS driving signals of the slave IC
are not used; the boost converter can be only
driven by the master IC. Do not let the Isense pin
of the slave IC floating, tie it to GND. The EN and
Dimming signals should be applied to both ICs. It
is recommended to use external PWM dimming
mode
to
achieve
the
accurate
dimming
synchronization of both parts.
External MOSFET for Short Protection
When output voltage is higher than rating of
LED1-4 pins, external MOSFET is needed for
each LED channel to avoid destroying LED1-4
pins. (See Figure 8)The rating of MOSFET must
be higher than 1.2* VOUT t and more than 1.2* ILED.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of external MOSFET (M1),
output diode (D1), and output capacitor (C2, C3)
flowes with high frequency pulse current. It must
be as small as possible (See Figure 6).
Figure 6—Layout Consideration
All logic signals and power ground are referred to
the GND. The power ground should be externally
connected to signal ground and is recommended
to keep away from the logic signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com