Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3394EF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3394EF
Description  Step-up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394EF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3394EF Datasheet HTML 1Page - Monolithic Power Systems MP3394EF Datasheet HTML 2Page - Monolithic Power Systems MP3394EF Datasheet HTML 3Page - Monolithic Power Systems MP3394EF Datasheet HTML 4Page - Monolithic Power Systems MP3394EF Datasheet HTML 5Page - Monolithic Power Systems MP3394EF Datasheet HTML 6Page - Monolithic Power Systems MP3394EF Datasheet HTML 7Page - Monolithic Power Systems MP3394EF Datasheet HTML 8Page - Monolithic Power Systems MP3394EF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP3394
Step-up, 4-String
Max 200mA/String White LED Driver
MP3394 Rev. 1.07
www.MonolithicPower.com
1
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3394 is a step-up controller with 4-
channel current sources designed for driving
the WLED arrays for large size LCD panel
backlighting applications.
The MP3394 is
flexible for extending LED channels with two or
more MP3394s in parallel while operating from
a single inductor power source.
The
MP3394
uses
current
mode,
fixed
frequency architecture. The switching frequency
is programmable by an external frequency
setting resistor. It drives an external MOSFET
to boost up the output voltage from a 5V to 28V
input supply. The MP3394 regulates the current
in each LED string to the programmed value set
by an external current setting resistor.
The MP3394 applies 4 internal current sources
for current balance and the current matching
can achieve 2.5% regulation accuracy between
strings. Its low 350mV regulation voltage on
LED current sources reduces power loss and
improves efficiency.
PWM dimming is implemented with external
PWM input signal or DC input signal. The
dimming PWM signal can be generated
internally and the dimming frequency is
programmed by an external setting capacitor.
FEATURES
• 4-String, Max 200mA/String WLED Driver
• 5V to 28V Input Voltage Range
• 2.5% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• PWM or DC Input Burst PWM Dimming
• Open and Short LED Protection
• Programmable Over-Voltage Protection
• Cascading Capability with a Single Power
Source
• Under Voltage Lockout
• Thermal Shutdown
• TSSOP16EP,SOIC16, SOIC20 Package
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN
5V~28V
MP3394
ISENSE
EN
OSC
BOSC
DBRT
OVP
LED1
LED2
LED3
5
7
3
6
13
12
11
10
Enable
DIMMING
L1
D1
CIN
R1
R2
RSET
CBOSC
ROSC
RSENSE
M1
LED4
RCOMP
9
8
VIN
VCC
COMP
15
16
1
2
ISET
COUT
CCOMP
CVCC
RBOSC
GATE
14
GND
4


Similar Part No. - MP3394EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394EF MPS-MP3394EF Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
More results

Similar Description - MP3394EF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com