Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 42Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 43Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 44Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 45Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 46Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 47Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 48Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 49Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 46
Preliminary
 2011 Microchip Technology Inc.
6.6
Interrupt Control Registers
6.6.1
INTCON REGISTER
The INTCON register is a readable and writable
register, which contains the various enable and flag bits
for TMR0 register overflow, interrupt-on-change and
external INT pin interrupts.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Interrupt Enable bit, GIE, of the INTCON
register. User software should ensure the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 6-1:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R-0/0
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
GIE:
Global Interrupt Enable bit
1
= Enables all active interrupts
0
= Disables all interrupts
bit 6
PEIE:
Peripheral Interrupt Enable bit
1
= Enables all active peripheral interrupts
0
= Disables all peripheral interrupts
bit 5
TMR0IE:
Timer0 Overflow Interrupt Enable bit
1
= Enables the Timer0 interrupt
0
= Disables the Timer0 interrupt
bit 4
INTE:
INT External Interrupt Enable bit
1
= Enables the INT external interrupt
0
= Disables the INT external interrupt
bit 3
IOCIE:
Interrupt-on-Change Interrupt Enable bit
1
= Enables the interrupt-on-change interrupt
0
= Disables the interrupt-on-change interrupt
bit 2
TMR0IF:
Timer0 Overflow Interrupt Flag bit
1
= TMR0 register has overflowed
0
= TMR0 register did not overflow
bit 1
INTF:
INT External Interrupt Flag bit
1
= The INT external interrupt occurred
0
= The INT external interrupt did not occur
bit 0
IOCIF:
Interrupt-on-Change Interrupt Flag bit(1)
1
= When at least one of the interrupt-on-change pins changed state
0
= None of the interrupt-on-change pins have changed state
Note 1:
The IOCIF Flag bit is read-only and cleared when all the Interrupt-on-Change flags in the IOCAF register
have been cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com