Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 92Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 93Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 94Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 95Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 96Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 97Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 98Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 99Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 96
Preliminary
 2011 Microchip Technology Inc.
15.3
ADC Register Definitions
The following registers are used to control the
operation of the ADC.
REGISTER 15-1:
ADCON: A/D CONTROL REGISTER 0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
ADCS<2:0>
CHS<2:0>
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
ADCS<2:0>:
A/D Conversion Clock Select bits
111
=FRC
110
=FOSC/64
101
=FOSC/16
100
=FOSC/4
011
=FRC
010
=FOSC/32
001
=FOSC/8
000
=FOSC/2
bit 4-2
CHS<2:0>:
Analog Channel Select bits
111
= FVR (Fixed Voltage Reference) Buffer Output(2)
110
= Temperature Indicator(1)
101
= Reserved. No channel connected.
100
= Reserved. No channel connected.
011
= Reserved. No channel connected.
010
=AN2
001
=AN1
000
=AN0
bit 1
GO/DONE:
A/D Conversion Status bit
If ADON = 1:
1
= A/D conversion in progress (Setting this bit starts the A/D conversion)
0
= A/D conversion not in progress (This bit is automatically cleared by hardware when the A/D con-
version is complete.)
If this bit is cleared while a conversion is in progress, the conversion will stop and the results of the
conversion up to this point will be transferred to the result registers, but the ADIF interrupt flag bit will
not be set.
If ADON = 0:
0
= A/D conversion not in progress
bit 0
ADON:
ADC Enable bit
1
= ADC is enabled
0
= ADC is disabled and consumes no operating current
Note 1:
See Section 14.0 “Temperature Indicator Module” for more information.
2:
See Section 12.0 “Fixed Voltage Reference (FVR)” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com