Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 89Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 90Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 91Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 92Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 93Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 94Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 95Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 96Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 93
PIC10(L)F320/322
TABLE 15-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES
FIGURE 15-2:
ANALOG-TO-DIGITAL CONVERSION TAD CYCLES
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC
Clock Source
ADCS<2:0>
16 MHz
8 MHz
4 MHz
1 MHz
FOSC/2
000
125 ns(1)
250 ns(1)
500 ns(1)
2.0
s
FOSC/4
100
250 ns(1)
500 ns(1)
1.0
s4.0 s
FOSC/8
001
0.5
s(1)
1.0
s2.0 s
8.0
s(2)
FOSC/16
101
1.0
s2.0 s4.0 s
16.0
s(2)
FOSC/32
010
2.0
s4.0 s
8.0
s(2)
32.0
s(2)
FOSC/64
110
4.0
s
8.0
s(2)
16.0
s(2)
64.0
s(2)
FRC
x11
1.0-6.0
s(1,3)
1.0-6.0
s(1,3)
1.0-6.0
s(1,3)
1.0-6.0
s(1,3)
Legend:
Shaded cells are outside of recommended range.
Note
1:
These values violate the minimum required TAD time.
2:
For faster conversion times, the selection of another clock source is recommended.
3:
The ADC clock period (TAD) and total ADC conversion time can be minimized when the ADC clock is derived from the
system clock FOSC. However, the FRC clock source must be used when conversions are to be performed with the
device in Sleep mode.
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8
Set GO bit
Holding capacitor is disconnected from analog input
TAD9
TCY - TAD
ADRES is loaded, GO bit is cleared,
ADIF bit is set, holding capacitor is
Conversion starts
b7
b4
b3
b2
b1
b0
b6
b5
On the following cycle:
(typically 100 ns)
connected to analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com