Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 82Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 83Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 84Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 85Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 86Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 87Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 88Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 89Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 86
Preliminary
 2011 Microchip Technology Inc.
12.3
FVR Control Registers
TABLE 12-2:
SUMMARY OF REGISTERS ASSOCIATED WITH FIXED VOLTAGE REFERENCE
REGISTER 12-1:
FVRCON: FIXED VOLTAGE REFERENCE CONTROL REGISTER
R/W-0/0
R-q/q
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
FVREN
FVRRDY(1)
TSEN
TSRNG
—
—ADFVR<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
FVREN:
Fixed Voltage Reference Enable bit
1
= Fixed Voltage Reference is enabled
0
= Fixed Voltage Reference is disabled
bit 6
FVRRDY:
Fixed Voltage Reference Ready Flag bit(1)
1
= Fixed Voltage Reference output is ready for use
0
= Fixed Voltage Reference output is not ready or not enabled
bit 5
TSEN:
Temperature Indicator Enable bit(3)
1
= Temperature Indicator is enabled
0
= Temperature Indicator is disabled
bit 4
TSRNG:
Temperature Indicator Range Selection bit(3)
1
=VOUT = VDD - 4VT (High Range)
0
=VOUT = VDD - 2VT (Low Range)
bit 3-2
Unimplemented
: Read as ‘0 ‘
bit 1-0
ADFVR<1:0>:
ADC Fixed Voltage Reference Selection bit
11
= ADC Fixed Voltage Reference Peripheral output is 4x (4.096V)(2)
10
= ADC Fixed Voltage Reference Peripheral output is 2x (2.048V)(2)
01
= ADC Fixed Voltage Reference Peripheral output is 1x (1.024V)
00
= ADC Fixed Voltage Reference Peripheral output is off.
Note 1:
FVRRDY indicates the true state of the FVR.
2:
Fixed Voltage Reference output cannot exceed VDD.
3:
See Section 14.0 “Temperature Indicator Module” for additional information.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on page
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
—
—ADFVR<1:0>
86
Legend:
Shaded cells are not used with the Fixed Voltage Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com