Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 99Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 100Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 101Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 102Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 103Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 104Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 105Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 106Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 103
PIC10(L)F320/322
REGISTER 16-1:
OPTION_REG: OPTION REGISTER
R/W-1/u
R/W-1/u
R/W-1/u
R/W-1/u
R/W-1/u
R/W-1/u
R/W-1/u
R/W-1/u
WPUEN
INTEDG
T0CS
T0SE
PSA
PS<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
WPUEN:
Weak Pull-up Enable bit(1)
1
= Weak pull-ups are disabled
0
= Weak pull-ups are enabled by individual PORT latch values
bit 6
INTEDG:
Interrupt Edge Select bit
1
= Interrupt on rising edge of INT pin
0
= Interrupt on falling edge of INT pin
bit 5
T0CS:
TMR0 Clock Source Select bit
1
= Transition on T0CKI pin
0
= Internal instruction cycle clock (FOSC/4)
bit 4
T0SE:
TMR0 Source Edge Select bit
1
= Increment on high-to-low transition on T0CKI pin
0
= Increment on low-to-high transition on T0CKI pin
bit 3
PSA:
Prescaler Assignment bit
1
= Prescaler is inactive and has no effect on the Timer 0 module
0
= Prescaler is assigned to the Timer0 module
bit 2-0
PS<2:0>:
Prescaler Rate Select bits
Note 1:
WPUEN does not disable the pull-up for the MCLR input when MCLR = 1.
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
Bit Value
TMR0 Rate
TABLE 16-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER0
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
46
OPTION_REG WPUEN INTEDG
T0CS
T0SE
PSA
PS<2:0>
103
TMR0
Timer0 module Register
46
TRISA
—
—
—
—
—
TRISA2
TRISA1
TRISA0
77
Legend:
– = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the
Timer0 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com