Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 117Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 118Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 119Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 120Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 121Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 122Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 123Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 124Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 121
PIC10(L)F320/322
REGISTER 19-3:
CLCxSEL0: MULTIPLEXER DATA 1 AND 2 SELECT REGISTER
U-0
R/W-x/u
R/W-x/u
R/W-x/u
U-0
R/W-x/u
R/W-x/u
R/W-x/u
—
LCxD2S<2:0>
—
LCxD1S<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
LCxD2S<2:0>:
Input Data 2 Selection Control bits(1)
111
= CLCxIN[7] is selected for lcxd2.
110
= CLCxIN[6] is selected for lcxd2.
101
= CLCxIN[5] is selected for lcxd2.
100
= CLCxIN[4] is selected for lcxd2.
011
= CLCxIN[3] is selected for lcxd2.
010
= CLCxIN[2] is selected for lcxd2.
001
= CLCxIN[1] is selected for lcxd2.
000
= CLCxIN[0] is selected for lcxd2.
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
LCxD1S<2:0>:
Input Data 1 Selection Control bits(1)
111
= CLCxIN[7] is selected for lcxd1.
110
= CLCxIN[6] is selected for lcxd1.
101
= CLCxIN[5] is selected for lcxd1.
100
= CLCxIN[4] is selected for lcxd1.
011
= CLCxIN[3] is selected for lcxd1.
010
= CLCxIN[2] is selected for lcxd1.
001
= CLCxIN[1] is selected for lcxd1.
000
= CLCxIN[0] is selected for lcxd1.
Note 1:
See Table 19-1 for signal names associated with inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com