Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 175 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 175 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 171Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 172Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 173Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 174Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 175Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 176Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 177Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 178Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 175
PIC10(L)F320/322
24.3
DC Characteristics: PIC10(L)F320/322-I/E (Power-Down)
PIC10LF320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC10F320/322
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD)(2)
D023
—
0.06
—
—
A
1.8
WDT, BOR, and FVR disabled,
all Peripherals Inactive
—0.08
—
—
A3.0
D023
—
15
—
—
A
2.3
WDT, BOR, and FVR disabled,
all Peripherals Inactive
—
18
—
—
A
3.0
—
19
—
—
A
5.0
D024
—
0.5
—
—
A
1.8
LPWDT Current (Note 1)
—0.8
—
—
A3.0
D024
—
16
—
—
A
2.3
LPWDT Current (Note 1)
—
19
—
—
A
3.0
—
20
—
—
A
5.0
D025
—
8.5
—
—
A
1.8
FVR current
—8.5
—
—
A3.0
D025
—
32
—
—
A
2.3
FVR current
—
39
—
—
A
3.0
—
70
—
—
A
5.0
D026
—
7.5
—
—
A
3.0
BOR Current (Note 1)
D026
—
34
—
—
A
3.0
BOR Current (Note 1)
—
67
—
—
A
5.0
D028
—
0.1
—
—
A
1.8
A/D Current (Note 1, Note 3), no
conversion in progress
—0.1
—
—
A3.0
D028
—
16
—
—
A
2.3
A/D Current (Note 1, Note 3), no
conversion in progress
—
21
—
—
A
3.0
—
25
—
—
A
5.0
D029
—
250
—
—
A
1.8
A/D Current (Note 1, Note 3),
conversion in progress
—250
—
—
A3.0
D029
—
280
—
—
A
2.3
A/D Current (Note 1, Note 3),
conversion in progress
—
280
—
—
A
3.0
—
280
—
—
A
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Legend:
TBD = To Be Determined
Note
1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
A/D oscillator source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com