Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 179Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 180Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 181Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 182Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 183Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 184Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 185Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 186Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 183
PIC10(L)F320/322
TABLE 24-4:
RESET, WATCHDOG TIMER, POWER-UP TIMER AND BROWN-OUT RESET
PARAMETERS
FIGURE 24-9:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 24-5:
TIMER0 EXTERNAL CLOCK REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
30
TMCLMCLR Pulse Width (low)
2
5
—
—
—
—
s
s
VDD = 3.3-5V, -40°C to +85°C
VDD = 3.3-5V
31
TWDTLP Low-Power Watchdog Timer
Time-out Period
10
16
27
ms
VDD = 3.3V-5V
1:16 Prescaler used
33*
TPWRT
Power-up Timer Period, PWRTE = 0
40
64
140
ms
34*
TIOZ
I/O high-impedance from MCLR Low
or Watchdog Timer Reset
——
2.0
s
35
VBOR
Brown-out Reset Voltage
TBD
2.38
1.80
2.7
2.4
1.9
TBD
2.73
2.11
V
V
V
BORV = 2.7V
BORV = 2.4V (PIC10F320/322)
BORV = 1.9V (PIC10LF320/322)
36*
VHYST
Brown-out Reset Hysteresis
0
25
50
mV
-40°C to +85°C
37*
TBORDC Brown-out Reset DC Response Time
1
3
5
sVDD  VBOR
Legend:
TBD = To Be Determined
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
40*
TT0H
T0CKI High Pulse Width
No Prescaler
0.5 TCY + 20
—
—
ns
With Prescaler
10
—
—
ns
41*
TT0L
T0CKI Low Pulse Width
No Prescaler
0.5 TCY + 20
—
—
ns
With Prescaler
10
—
—
ns
42*
TT0P
T0CKI Period
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale value
(2, 4, ..., 256)
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
T0CKI
40
41
42
TMR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com