Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4700GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4700GS
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4700GS Datasheet HTML 1Page - Monolithic Power Systems MP4700GS Datasheet HTML 2Page - Monolithic Power Systems MP4700GS Datasheet HTML 3Page - Monolithic Power Systems MP4700GS Datasheet HTML 4Page - Monolithic Power Systems MP4700GS Datasheet HTML 5Page - Monolithic Power Systems MP4700GS Datasheet HTML 6Page - Monolithic Power Systems MP4700GS Datasheet HTML 7Page - Monolithic Power Systems MP4700GS Datasheet HTML 8Page - Monolithic Power Systems MP4700GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP4700 – HIGH-BRIGHTNESS BCM, LOW SIDE BUCK WLED DRIVE WLED DRIVER
MP4700 Rev. 1.0
www.MonolithicPower.com
2
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4700GS
SOIC8
MP4700
*For Tape & Reel, add suffix –Z (eg. MP4700GS-Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
VIN..................................................-0.3V to 20V
VCC, DRV.......................................-0.3V to 11V
PWM, INUV, CS ............................-0.3V to 6.5V
Continuous Power Dissipation....... (TA=25°C)
(2)
SOIC8………………………………………..1.3W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
VIN ......................................................8V to 18V
VCC, DRV………………………. -0.3V to 10.5V
Operating Junct. Temp(TJ)...... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................96 ...... 45 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ (MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com