Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4700GS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4700GS
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700GS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4700GS Datasheet HTML 3Page - Monolithic Power Systems MP4700GS Datasheet HTML 4Page - Monolithic Power Systems MP4700GS Datasheet HTML 5Page - Monolithic Power Systems MP4700GS Datasheet HTML 6Page - Monolithic Power Systems MP4700GS Datasheet HTML 7Page - Monolithic Power Systems MP4700GS Datasheet HTML 8Page - Monolithic Power Systems MP4700GS Datasheet HTML 9Page - Monolithic Power Systems MP4700GS Datasheet HTML 10Page - Monolithic Power Systems MP4700GS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MP4700 – HIGH-BRIGHTNESS BCM, LOW SIDE BUCK WLED DRIVE WLED DRIVER
MP4700 Rev. 1.0
www.MonolithicPower.com
7
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12.5VDC, VPWM= 5V, VBUS=220V, VLED=180V, ILED=0.22A, TA = +25°C, unless otherwise noted.
VCC
2V/div.
VIN
2V/div.
VDRV
5V/div.
ILED
100mA/div.
VCC
2V/div.
VIN
2V/div.
VDRV
5V/div.
ILED
100mA/div.
IC VIN Turn On
IC VIN Turn Off
VCC
2V/div.
VCS
200mV/div.
VDRV
5V/div.
ILED
100mA/div.
VCC
2V/div.
VCS
200mV/div.
VDRV
5V/div.
ILED
100mA/div.
VCC
2V/div.
VBUS
50V/div.
VDRV
5V/div.
ILED
100mA/div.
PWM Turn On
VIN = 12.5V
PWM Turn Off
VIN = 10.7V
VBUS Turn On
VIN = 12.5V
INPUT BUS VOLTAGE (V)
INPUT BUS VOLTAGE (V)
200
205
210
215
220
225
230
180 200 220 240 260 280 300
97
97.2
97.4
97.6
97.8
98.0
98.2
98.4
98.6
98.8
200
220
240
260
280290
0
0.05
0.1
0.15
0.2
0.25
0
20
40
60
80 100
120
0
0.5
1
1.5
2
2.5
0.00 0.20 0.40 0.60 0.80 1.00 1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com