Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4700GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4700GS
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4700GS Datasheet HTML 10Page - Monolithic Power Systems MP4700GS Datasheet HTML 11Page - Monolithic Power Systems MP4700GS Datasheet HTML 12Page - Monolithic Power Systems MP4700GS Datasheet HTML 13Page - Monolithic Power Systems MP4700GS Datasheet HTML 14Page - Monolithic Power Systems MP4700GS Datasheet HTML 15Page - Monolithic Power Systems MP4700GS Datasheet HTML 16Page - Monolithic Power Systems MP4700GS Datasheet HTML 17Page - Monolithic Power Systems MP4700GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP4700 – HIGH-BRIGHTNESS BCM, LOW SIDE BUCK WLED DRIVE WLED DRIVER
MP4700 Rev. 1.0
www.MonolithicPower.com
14
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Select the Inductor
The MP4700 operates at BCM. Select a proper
inductor to ensure that the operating frequency
is within a desired range.
Assuming the 280V bus voltage has -10% to
+20% variation, and the LED voltage has a
±10%
variation.
The
maximum
system
operating frequency at the maximum input bus
voltage and the minimum output LED voltage
should not exceed the MP4700’s 160kHz
frequency limit.
Bus _ max
LED _ min
LED _ min
s_ max
LED
Bus_ max
(V
V
) V
1
L
f2 I
V



Choosing a maximum operating frequency at
150kHz, the inductor should exceed 1.1mH.
The peak inductor current is around 2 times the
LED current when the MP4700 operates in
BCM. An inductor rated at 1.3mH/0.6A would fit
this application.
Select the Power MOSFET
The voltage stress of the power MOSFET
should exceed the bus voltage. A MOSFET with
400V voltage rating will suffice for this
application. The peak current through the
MOSFET equals the peak inductor current, or 2
times the LED current (250mA). The maximum
RMS current through the MOSFET is:
LED _ max
RMS _ MOS _ max
LED
bus _ min
V
I
2I
*
0.27A
3V

Choose a MOSFET with a current rating around
2A to 3A.
Select the Diode
The voltage stress of the diode should exceed
the bus voltage—400V will suffice for this
application. The maximum average current
through the diode is:
LED _ min
Avg _ Diode _ max
LED
bus _ max
V
I2I
* (1
) 0.21A
V

This allows for a current rating within 1A to 2A.
Select the Current Sense Resistor
The MP4700 operates in BCM and the current
sense resistor is:
sense
LED
302mV
R600m
2I

Select the Output Capacitor
The output capacitor should be large enough to
filter the output ripple current and limit the LED
current ripple to within a desired range (usually
below ±5%).
Use the equivalent dynamic resistance of the
LED string to design the output capacitor.
Figure 5 defines of the equivalent dynamic
resistance of the LED string (RLED).
ΔILED
ΔVLED
LED
LED
LED
I
V
R
Figure 5: LED Equivalent Dynamic Resistance
Calculate the value of the ceramic output
capacitor as:
L _ PEAK
OUT
s _ min
LED
LED _ ripple _ pk _ pk
I
C
8f
R
I

Where
fs_min
is
the
minimum
operating
frequency, which occurs at the minimum input
voltage and maximum output voltage condition
for this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com