Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4700GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4700GS
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4700GS Datasheet HTML 1Page - Monolithic Power Systems MP4700GS Datasheet HTML 2Page - Monolithic Power Systems MP4700GS Datasheet HTML 3Page - Monolithic Power Systems MP4700GS Datasheet HTML 4Page - Monolithic Power Systems MP4700GS Datasheet HTML 5Page - Monolithic Power Systems MP4700GS Datasheet HTML 6Page - Monolithic Power Systems MP4700GS Datasheet HTML 7Page - Monolithic Power Systems MP4700GS Datasheet HTML 8Page - Monolithic Power Systems MP4700GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP4700
High-Brightness,
BCM, Low Side Buck White LED Driver
MP4700 Rev. 1.0
www.MonolithicPower.com
1
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4700 is a high-efficiency step-down
converter designed to drive high-brightness
light emitting diodes.
The MP4700 drives an external MOSFET in
boundary conduction mode, which features no
reverse recovery loss in the freewheeling diode
and soft turn-on with zero-current and valley
voltage for the power MOSFET that improves
efficiency and minimizes the inductor value and
size. The boundary conduction control mode
regulates the LED current by sensing the
MOSFET peak current through an external
resistor. Its low 300mV feedback voltage
reduces power loss and improves efficiency.
The MP4700 implements PWM dimming to the
LED current.
Protection
features
include
output
short
protection, under-voltage lockout for the IC
input voltage and bus input voltage, a limited
maximum switching frequency, and thermal
shut down.
FEATURES
 8V-to-18V Input Voltage
 Constant-Current LED Driver
 Power MOSFET Zero-Current Turn-On
 No Freewheeling Diode Reverse Recovery
Issues
 High Efficiency and Reliability in Boundary
Conduction Mode
 Low 1mA Operation Current
 PWM Dimming Control
 Hiccup Short Circuit Protection
 UVLO for Bus Input Voltage
 Input UVLO, Thermal Shutdown
 Maximum Frequency Limited to 160kHz
 Available in SOIC8 Package
APPLICATIONS
 LED Backlighting for TV and Monitor
 DC/DC or AC/DC LED Driver applications
 General Illumination
 Industrial Lighting
 Automotive/ Decorative LED Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP4700GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4700 MPS-MP4700 Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
More results

Similar Description - MP4700GS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
Offline High Brightness White LED Driver Controller
logo
SG Micro Corp
SGM3135 SGMICRO-SGM3135 Datasheet
302Kb / 10P
Low Side White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Union Semiconductor, In...
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
Supertex, Inc
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
HV9918 SUTEX-HV9918 Datasheet
477Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
logo
Microchip Technology
HV9919B MICROCHIP-HV9919B Datasheet
352Kb / 13P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
07/14/15
AT9919 MICROCHIP-AT9919 Datasheet
504Kb / 16P
Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
06/23/16
logo
Monolithic Power System...
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
Universal Input High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com