Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6002 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6002
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6002 Datasheet HTML 1Page - Monolithic Power Systems MP6002 Datasheet HTML 2Page - Monolithic Power Systems MP6002 Datasheet HTML 3Page - Monolithic Power Systems MP6002 Datasheet HTML 4Page - Monolithic Power Systems MP6002 Datasheet HTML 5Page - Monolithic Power Systems MP6002 Datasheet HTML 6Page - Monolithic Power Systems MP6002 Datasheet HTML 7Page - Monolithic Power Systems MP6002 Datasheet HTML 8Page - Monolithic Power Systems MP6002 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP6002 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
MP6002 Rev. 1.0
www.MonolithicPower.com
5
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 48V, VOUT = 5V, TA = +25ºC, unless otherwise noted.
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
10
20
30
40
50
60
70
VSW
50V/div.
VOUT
AC Coupled
50mV/div.
1us/div.
Steady State Test
VIN = 48V, VOUT = 5V, IOUT = 3A
40ms/div.
400
υs/div.
Load Transient Response
VIN = 48V, VOUT = 5V,
IOUT = 1.5A~3A @ 2.5A/us
VSW
100V/div.
VOUT
2V/div.
VCC
2V/div.
40ms/div.
Short Circuit State
VIN = 48V, IOUT = 3A
Short Circuit Entry
VIN = 48V, IOUT = 3A
Short Circuit Recovery
VIN = 48V, IOUT = 3A
VOUT
5V/div.
VSW
100V/div.
VCC
2V/div.
IPRI
2A/div.
IPRI
1A/div.
20ms/div.
VOUT
5V/div.
VSW
50V/div.
VSYNC
5V/div.
IPRI
1A/div.
IPRI
1A/div.
10us/div.
Synchronize Programmable
FSW = 55KHz, FSYNC=60KHz.
2us/div.
Synchronize Programmable
FSW = 55KHz, FSYNC=550KHz
VOUT
5V/div.
VSW
50V/div.
VSYNC
5V/div.
IPRI
500mA/div.
IPRI
2A/div.
VOUT
5V/div.
VSW
100V/div.
VCC
2V/div.
IPRI
2A/div.
VOUT
50mV/div.
Current Limit vs Duty Cycle
Duty Cycle(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com