Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6002 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6002
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6002 Datasheet HTML 7Page - Monolithic Power Systems MP6002 Datasheet HTML 8Page - Monolithic Power Systems MP6002 Datasheet HTML 9Page - Monolithic Power Systems MP6002 Datasheet HTML 10Page - Monolithic Power Systems MP6002 Datasheet HTML 11Page - Monolithic Power Systems MP6002 Datasheet HTML 12Page - Monolithic Power Systems MP6002 Datasheet HTML 13Page - Monolithic Power Systems MP6002 Datasheet HTML 14Page - Monolithic Power Systems MP6002 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP6002 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
MP6002 Rev. 1.0
www.MonolithicPower.com
12
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Duty Cycle Range
The duty cycle range is determined once N is
selected. In general, the optimum operating
duty cycle should be smaller for high input/low
output than low input/high output applications.
Except for high output voltage or wide input
range applications, the maximum D usually
does not exceed 60%.
Voltage Stress of the Internal Power Switch
& External Schottky Diode
For the internal power switch, the voltage stress
is given by:
P
O
IN
DS
V
N
V
V
V
Where VP is a function of LLK (leakage
inductrance), fS, R, C, CDS, VIN, IO, etc. Please
refer to Figure 4. The lower the LLK and Io, the
lower the Vp. Smaller R can reduce Vp, but
power loss will increase. See Snubber Design
for details.
Typically VP can be selected as 20~40% of
(VIN+NVO).
--
+
--
+
C2
ID2
LLK
IS
C
R
D
VDS
VDS
VC
VP
VIN
0
VC
C1
S
Tr
D2
Figure 4—Key Operation Waveform
For the rectifier, D2, the voltage stress is given
by:
2
PD
IN
O
2
D
V
N
V
V
V
Use of a R-C or R-C-D type snubber circuit for
D2 is recommended.
2
PD
V
can
be selected as
40~100%
of
(VO+VIN/N), thus:
)
NV
V
(
K
V
0
)
MAX
(
IN
s
)
MAX
(
DS
Where KS=1.2~1.4, and
)
N
V
V
(
K
V
)
MAX
(
IN
0
2
D
)
MAX
(
2
D
Where KD2=1.4~2.
For example,
V
23
)
8
V
75
V
5
(
6
.
1
V
V
144
)
V
5
8
V
75
(
25
.
1
V
V
5
V
,
6
.
1
K
,
25
.
1
K
,
8
N
,
V
75
V
2
D
DS
O
2
D
S
)
MAX
(
IN
So
the power switch rating should be higher than
144V,
and
the
rated
voltage
for
the
synchronous rectifier or Schottky diode should
be higher than 23V.
Snubber Design (Passive)
Snubber for Power Switch
Figure 5 shows four different ways to clamp the
voltage on the power device. RCD type of
snubber circuit is widely used in many
applications.
S
(A)
(B)
(C)
(D)
DZ
RD
RD
CD
CD
DZ
S
S
S
Figure 5—Snubber Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com