Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6002 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6002
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6002 Datasheet HTML 4Page - Monolithic Power Systems MP6002 Datasheet HTML 5Page - Monolithic Power Systems MP6002 Datasheet HTML 6Page - Monolithic Power Systems MP6002 Datasheet HTML 7Page - Monolithic Power Systems MP6002 Datasheet HTML 8Page - Monolithic Power Systems MP6002 Datasheet HTML 9Page - Monolithic Power Systems MP6002 Datasheet HTML 10Page - Monolithic Power Systems MP6002 Datasheet HTML 11Page - Monolithic Power Systems MP6002 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP6002 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
MP6002 Rev. 1.0
www.MonolithicPower.com
8
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
High Voltage Startup
The MP6002 features a 100V startup circuit,
see Figure 1. When power is applied, the
capacitor at the VCC pin is charged through the
VIN pin. When the voltage at the VCC pin
crosses 6.0V without fault, the controller is
enabled. The VCC pin is then disconnected from
the VIN pin and VCC voltage is discharged via
the operating current. When VCC drops to 4.5V,
the VCC pin is reconnected to the VIN pin and
VCC will be recharged. The voltage at the VCC
pin repeats this ramp cycle between 4.5V and
6.0V. VIN needs to be higher than 10V in order
to keep high voltage startup circuit working
properly. This can be guaranteed by setting
input UVLO≥10V. It is also recommended that
the capacitor at VCC pin be no less than 1uF to
achieve stable operation. The VCC pin can be
powered with a voltage higher than 4.5V from
an auxiliary winding to reduce the power
dissipated in the internal start-up circuit. The
VCC pin is internally clamped at 8V.
Under-Voltage and Over-Voltage Detection
The MP6002 includes a line monitor circuit.
Two external resistors form a voltage divider
from the input voltage to GND; its tap connects
to the LINE pin. The controller is operational
when the voltage at the UV/OV pin is between
1.2V and 3V. When the voltage at the UV/OV
pin goes out of this operating range, the
controller is disabled and goes into standby
mode. The LINE pin can also be used as a
remote enable. Grounding the UV/OV pin will
disable the controller.
Error Amplifier
The MP6002 includes an error amplifier with its
non-inverting input connected to internal 1.2V
reference voltage. The regulated voltage is fed
back through a resistor network or an
optocoupler to the FB pin. Figure 2 shows some
common error amplifier configurations.
--
+
1.2V
FB
C2
C3
R3
COMP
VCC
C1
PRIMARY
WINDING
R1
R2
D1
EA
34
6
--
+
1.2V
FB
COMP
VCC
C2
R2
R3
(a) Using Primary winding to provide feedback
(b) Feedback is from Secondary (Common Collector)
EA
34
6
Figure 2—Error Amplifier Configurations
Synchronize Programmable Oscillator
The MP6002 oscillating frequency is set by an
external resistor from the RT pin to ground. The
value of RT can be calculated from:
S
f
KHz
550
k
10
RT
The MP6002 can be synchronized to an
external clock pulse. The frequency of the clock
pulse must be higher than the internal oscillator
frequency. The clock pulse width should be
within 50ns to 150ns. The external clock can be
coupled to the RT pin with a 100pF capacitor
and a peak level greater than 3.5V.
Duty Cycle Limiting with Line Feed Forward
The MP6002 has a DMAX (maximum duty cycle)
limit at 67.5% when the LINE pin voltage is
equal to 1.3V. As VLINE increases, DMAX reduces.
Maximum duty cycle can be calculated by:
%
100
V
V
7
.
2
V
7
.
2
D
LINE
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com